Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWT6521 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # AWT6521
Description  Multi-Band LTE/CDMA/WCDMA/HSPA Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6521 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  AWT6521 Datasheet HTML 1Page - ANADIGICS, Inc AWT6521 Datasheet HTML 2Page - ANADIGICS, Inc AWT6521 Datasheet HTML 3Page - ANADIGICS, Inc AWT6521 Datasheet HTML 4Page - ANADIGICS, Inc AWT6521 Datasheet HTML 5Page - ANADIGICS, Inc AWT6521 Datasheet HTML 6Page - ANADIGICS, Inc AWT6521 Datasheet HTML 7Page - ANADIGICS, Inc AWT6521 Datasheet HTML 8Page - ANADIGICS, Inc AWT6521 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
Data Sheet - Rev 2.4
02/2012
AWT6521
Figure 2: Pinout (X-ray Top View)
Table 1: Pin Description
PIN
NAME
DESCRIPTION
PIN
NAME
DESCRIPTION
1
RFIN_HI
RF Input for
1700/1800/1900 MHz
Bands
12
RFOUT_900
RF Output for 900 MHz
Band
2
GND
Ground
13
RFOUT_850
RF Output for 850 MHz
Band
3
VBATT
Battery Voltage
14
GND
Ground
4
VEN_HI
Enable Voltage for High
Bands
15
VCC
Supply Voltage
5
GND
Ground
16
VCC
Supply Voltage
6
VBAND0
Low Band Select Voltage
17
VCC
Supply Voltage
7
VBAND1
High Band Select
Voltage
18
CPL_OUT
Coupler Output Port
8
VMODE
Mode Control Voltage
19
GND
Ground
9
VEN_LO
Enable Voltage for Low
Bands
20
RFOUT_1900
RF Output for 1900 MHz
Band
10
GND
Ground
21
RFOUT_1700
RF Output for 1700 MHz
Band
11
RFIN_LO
RF input for 850/900
MHz Bands
22
RFOUT_2100
RF Output for 2100 MHz
Band
RFOUT_2100
RFOUT_1700
RFIN_HI
GND
CPLOUT
VBATT
GND
22
21
20
19
18
RFOUT_1900
1
2
3
4
5
6
7
8
9
10
11
17
16
15
14
13
12
VCC
VCC
GND
RFOUT_850
VCC
VBAND0
GND
VMODE
VBAND1
VEN_LO
RFIN_LO
RFOUT_900
VEN_HI
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com