Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5303 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5303
Description  2.5 V to 5.5 V, 500 uA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5303 Datasheet(HTML) 1 Page - Analog Devices

  AD5303 Datasheet HTML 1Page - Analog Devices AD5303 Datasheet HTML 2Page - Analog Devices AD5303 Datasheet HTML 3Page - Analog Devices AD5303 Datasheet HTML 4Page - Analog Devices AD5303 Datasheet HTML 5Page - Analog Devices AD5303 Datasheet HTML 6Page - Analog Devices AD5303 Datasheet HTML 7Page - Analog Devices AD5303 Datasheet HTML 8Page - Analog Devices AD5303 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. F
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2004 Analog Devices, Inc. All rights reserved.
AD5305/AD5315/AD5325*
2.5 V to 5.5 V, 500 A, 2-Wire Interface
Quad Voltage Output, 8-/10-/12-Bit DACs
*Protected by U.S.Patent No. 5,969,657and 5,684,481.
FEATURES
AD5305: 4 Buffered 8-Bit DACs in 10-Lead MSOP
A Version:
1 LSB INL, B Version:
0.625 LSB INL
AD5315: 4 Buffered 10-Bit DACs in 10-Lead MSOP
A Version:
4 LSB INL, B Version:
2.5 LSB INL
AD5325: 4 Buffered 12-Bit DACs in 10-Lead MSOP
A Version:
16 LSB INL, B Version:
10 LSB INL
Low Power Operation: 500
A @ 3 V, 600
A @ 5 V
2-Wire (I2C® Compatible) Serial Interface
2.5 V to 5.5 V Power Supply
Guaranteed Monotonic by Design over All Codes
Power-Down to 80 nA @ 3 V, 200 nA @ 5 V
Three Power-Down Modes
Double-Buffered Input Logic
Output Range: 0 V to VREF
Power-On Reset to 0 V
Simultaneous Update of Outputs (
LDAC Function)
Software Clear Facility
Data Readback Facility
On-Chip Rail-to-Rail Output Buffer Amplifiers
Temperature Range –40 C to +105 C
APPLICATIONS
Portable Battery-Powered Instruments
Digital Gain and Offset Adjustment
Programmable Voltage and Current Sources
Programmable Attenuators
Industrial Process Control
FUNCTIONAL BLOCK DIAGRAM
INPUT
REGISTER
VOUTA
BUFFER
DAC
REGISTER
STRING
DAC A
VDD
REF IN
GND
AD5305/AD5315/AD5325
INPUT
REGISTER
VOUTB
BUFFER
DAC
REGISTER
INPUT
REGISTER
VOUTC
BUFFER
DAC
REGISTER
INPUT
REGISTER
VOUTD
BUFFER
DAC
REGISTER
POWER-ON
RESET
SDA
SCL
A0
INTERFACE
LOGIC
POWER-DOWN
LOGIC
LDAC
STRING
DAC B
STRING
DAC C
STRING
DAC D
GENERAL DESCRIPTION
The AD5305/AD5315/AD5325 are quad 8-, 10-, and 12-bit
buffered voltage output DACs in a 10-lead MSOP that operate
from a single 2.5 V to 5.5 V supply, consuming 500
µA at 3 V.
Their on-chip output amplifiers allow rail-to-rail output swing
with a slew rate of 0.7 V/
µs. A 2-wire serial interface, which
operates at clock rates up to 400 kHz, is used. This interface is
SMBus compatible at VDD < 3.6 V. Multiple devices can be
placed on the same bus.
The references for the four DACs are derived from one reference
pin. The outputs of all DACs may be updated simultaneously
using the software
LDAC function. The parts incorporate a
power-on reset circuit, which ensures that the DAC outputs power
up to 0 V and remain there until a valid write takes place to the
device. There is also a software clear function that resets all input
and DAC registers to 0 V. The parts contain a power-down
feature that reduces the current consumption of the devices to
200 nA @ 5 V (80 nA @ 3 V).
The low power consumption of these parts in normal operation
makes them ideally suited to portable battery-operated equipment.
The power consumption is 3 mW at 5 V, 1.5 mW at 3 V, reducing
to 1
µW in power-down mode.


Similar Part No. - AD5303

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5303 AD-AD5303 Datasheet
227Kb / 18P
2.5 V to 5.5 V, 230 uA, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs
AD5303 AD-AD5303 Datasheet
359Kb / 20P
2.5 V to 5.5 V, 115 uA, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
AD5303 AD-AD5303 Datasheet
274Kb / 20P
2.5 V to 5.5 V, 230uA, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
AD5303 AD-AD5303 Datasheet
324Kb / 20P
2.5 V to 5.5 V, 500 uA, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
AD5303 AD-AD5303 Datasheet
357Kb / 24P
2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Rev. H
More results

Similar Description - AD5303

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5301 AD-AD5301 Datasheet
178Kb / 15P
2.5 V to 5.5 V, 120 uA, 2-Wire Interface, Voltage Output 8-/10-/12-Bit DACs
AD5334 AD-AD5334 Datasheet
324Kb / 20P
2.5 V to 5.5 V, 500 uA, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
AD5337 AD-AD5337 Datasheet
654Kb / 24P
2.5 V to 5.5 V, 250 UA, 2-Wire Interface Dual-Voltage Output, 8-/10-/12-Bit DACs
10/04-Changed Data Sheet from Rev. 0 to Rev. A
AD5336BRUZ AD-AD5336BRUZ Datasheet
384Kb / 20P
2.5 V to 5.5 V, 500 A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5344BRUZ AD-AD5344BRUZ Datasheet
384Kb / 20P
2.5 V to 5.5 V, 500 A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5315BRMZ AD-AD5315BRMZ Datasheet
565Kb / 24P
2.5 V to 5.5 V, 500 muA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5305ARM AD-AD5305ARM Datasheet
565Kb / 24P
2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5315 AD-AD5315_15 Datasheet
565Kb / 24P
2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5325 AD-AD5325_15 Datasheet
565Kb / 24P
2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5334 AD-AD5334_15 Datasheet
384Kb / 20P
2.5 V to 5.5 V, 500A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com