Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5303 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5303
Description  2.5 V to 5.5 V, 500 uA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5303 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5303 Datasheet HTML 12Page - Analog Devices AD5303 Datasheet HTML 13Page - Analog Devices AD5303 Datasheet HTML 14Page - Analog Devices AD5303 Datasheet HTML 15Page - Analog Devices AD5303 Datasheet HTML 16Page - Analog Devices AD5303 Datasheet HTML 17Page - Analog Devices AD5303 Datasheet HTML 18Page - Analog Devices AD5303 Datasheet HTML 19Page - Analog Devices AD5303 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
REV. F
AD5305/AD5315/AD5325
–19–
OUTLINE DIMENSIONS
10-Lead Mini Small Outline Package [MSOP]
(RM-10)
Dimensions shown in millimeters
0.23
0.08
0.80
0.60
0.40
8
0
0.15
0.00
0.27
0.17
0.95
0.85
0.75
SEATING
PLANE
1.10 MAX
10
6
5
1
0.50 BSC
3.00 BSC
3.00 BSC
4.90 BSC
PIN 1
COPLANARITY
0.10
COMPLIANT TO JEDEC STANDARDS MO-187BA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com