Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD883B Datasheet(PDF) 3 Page - Analog Devices

Part # AD883B
Description  Real-Time Analog Computational Unit ACU
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD883B Datasheet(HTML) 3 Page - Analog Devices

  AD883B Datasheet HTML 1Page - Analog Devices AD883B Datasheet HTML 2Page - Analog Devices AD883B Datasheet HTML 3Page - Analog Devices AD883B Datasheet HTML 4Page - Analog Devices AD883B Datasheet HTML 5Page - Analog Devices AD883B Datasheet HTML 6Page - Analog Devices AD883B Datasheet HTML 7Page - Analog Devices AD883B Datasheet HTML 8Page - Analog Devices AD883B Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AD538
–3–
REV. C
RE-EXAMINATION OF MULTIPLIER/DIVIDER
ACCURACY
Traditionally, the “accuracy” (actually the errors) of analog
multipliers and dividers have been specified in terms of percent
of full scale. Thus specified, a 1% multiplier error with a 10 V
full-scale output would mean a worst case error of +100 mV at
“any” level within its designated output range. While this type
of error specification is easy to test evaluate, and interpret, it can
leave the user guessing as to how useful the multiplier actually is
at low output levels, those approaching the specified error limit
(in this case) 100 mV.
The AD538’s error sources do not follow the percent of full-
scale approach to specification, thus it more optimally fits the
needs of the very wide dynamic range applications for which it is
best suited. Rather than as a percent of full scale, the AD538’s
error as a multiplier or divider for a 100:1 (100 mV to 10 V)
input range is specified as the sum of two error components: a
percent of reading (ideal output) term plus a fixed output offset.
Following this format the AD538AD, operating as a multiplier
or divider with inputs down to 100 mV, has a maximum error of
±1% of reading ±500 µV. Some sample total error calculations
for both grades over the 100:1 input range are illustrated in the
chart below. This error specification format is a familiar one to
designers and users of digital voltmeters where error is specified
as a percent of reading
± a certain number of digits on the meter
readout.
For operation as a multiplier or divider over a wider dynamic
range (>100:1), the AD538 has a more detailed error specifica-
tion that is the sum of three components: a percent of reading
term, an output offset term and an input offset term for the
VY/VX log ratio section. A sample application of this specifica-
tion, taken from Table I, for the AD538AD with VY = 1 V, VZ =
100 mV and VX = 10 mV would yield a maximum error of
±2.0% of reading ±500 µV ±(1 V + 100 mV)/10 mV × 250 µV
or
±2.0% of reading ±500 µV ± 27.5 mV. This example illus-
trates that with very low level inputs the AD538’s incremental
gain (VY + VZ)/VX has increased to make the input offset contri-
bution to error substantial.
Table I. Sample Error Calculation Chart (Worst Case)
VY
VZ
VX
Ideal
Total Offset
% of Reading
Total Error
Total Error Summation
Input
Input
Input
Output
Error Term
Error Term
Summation
as a % of the Ideal
(in V)
(in V)
(in V)
(in V)
(in mV)
(in mV)
(in mV)
Output
100:1
10
10
10
10
0.5
(AD)
100 (AD)
100.5 (AD)
1.0
(AD)
INPUT
0.25
(BD)
50
(BD)
50.25 (BD)
0.5
(BD)
RANGE
Total Error =
10
0.1
0.1
10
0.5
(AD)
100 (AD)
100.5 (AD)
1.0
(AD)
±% rdg
0.25
(BD)
50
(BD)
50.25 (BD)
0.5
(BD)
±Output V
OS
1
1
1
1
0.5
(AD)
10
(AD)
10.5
(AD)
1.05 (AD)
0.25
(BD)
5
(BD)
5.25
(BD)
0.5
(BD)
0.1
0.1
0.1
0.1
0.5
(AD)
1
(AD)
1.5
(AD)
1.5
(AD)
0.25
(BD)
0.5 (BD)
0.75
(BD)
0.75 (BD)
WIDE
1
0.10
0.01
10
28
(AD)
200 (AD)
228
(AD)
2.28 (AD)
DYNAMIC
16.75 (BD)
100 (BD)
116.75 (BD)
1.17 (BD)
RANGE
Total Error =
10
0.05
2
0.25
1.76
(AD)
5
(AD)
6.76
(AD)
2.7
(AD)
±% rdg
1
(BD)
2.5 (BD)
3.5
(BD)
1.4
(BD)
±Output V
OS
±Input V
OS
×
5
0.01
0.01
5
125.75 (AD)
100 (AD)
225.75 (AD)
4.52 (AD)
(VY + VZ)/VX
75.4
(BD)
50
(BD)
125.4 (BD)
2.51 (BD)
10
0.01
0.1
1
25.53 (AD)
20
(AD)
45.53 (AD)
4.55 (AD)
15.27 (BD)
10
(BD)
25.27 (BD)
2.53 (BD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com