Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD883B Datasheet(PDF) 4 Page - Analog Devices

Part # AD883B
Description  Real-Time Analog Computational Unit ACU
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD883B Datasheet(HTML) 4 Page - Analog Devices

  AD883B Datasheet HTML 1Page - Analog Devices AD883B Datasheet HTML 2Page - Analog Devices AD883B Datasheet HTML 3Page - Analog Devices AD883B Datasheet HTML 4Page - Analog Devices AD883B Datasheet HTML 5Page - Analog Devices AD883B Datasheet HTML 6Page - Analog Devices AD883B Datasheet HTML 7Page - Analog Devices AD883B Datasheet HTML 8Page - Analog Devices AD883B Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AD538
–4–
REV. C
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD538AD
–25
°C to +85°C
Side-Brazed Ceramic DIP
D-18
AD538BD
–25
°C to +85°C
Side-Brazed Ceramic DIP
D-18
AD538ACHIPS
–25
°C to +85°C
Chips
AD538SD
–55
°C to +125°C
Side-Brazed Ceramic DIP
D-18
AD538SD/883B
–55
°C to +125°C
Side-Brazed Ceramic DIP
D-18
ABSOLUTE MAXIMUM RATINGS
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Internal Power Dissipation . . . . . . . . . . . . . . . . . . . . 250 mW
Output Short Circuit-to-Ground . . . . . . . . . . . . . . . Indefinite
Input Voltages VX, VY, VZ . . . . . . . . . . . . . (+VS – 1 V), –1 V
Input Currents IX, IY, IZ, IO . . . . . . . . . . . . . . . . . . . . . . 1 mA
Operating Temperature Range . . . . . . . . . . . –25
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature, Storage . . . . . . . . . . . . . . 60 sec, +300
°C
Thermal Resistance
θ
JC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
°C/W
θ
JA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 120
°C/W
PIN CONFIGURATION
1
2
18
17
5
6
7
14
13
12
3
4
16
15
8
11
910
IZ
VZ
A
D
+2V
+VS
–VS
PWR GND
C
B
+10V
IX
VO
IY
IVY
SIGNAL GND
VX
AD538
TOP VIEW
(Not to Scale)
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD538 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com