Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD548C Datasheet(PDF) 5 Page - Analog Devices

Part # AD548C
Description  Precision, Low Power BiFET Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD548C Datasheet(HTML) 5 Page - Analog Devices

  AD548C Datasheet HTML 1Page - Analog Devices AD548C Datasheet HTML 2Page - Analog Devices AD548C Datasheet HTML 3Page - Analog Devices AD548C Datasheet HTML 4Page - Analog Devices AD548C Datasheet HTML 5Page - Analog Devices AD548C Datasheet HTML 6Page - Analog Devices AD548C Datasheet HTML 7Page - Analog Devices AD548C Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Typical Characteristics–AD548
Figure 19c. Unity Gain Follower
Pulse Response (Small Signal)
Figure 19b. Unity Gain Follower
Pulse Response (Large Signal)
Figure 20c. Unity Gain Inverter
Pulse Response (Small Signal)
Figure 20b. Utility Gain Inverter
Pulse Response (Large Signal)
APPLICATION NOTES
The AD548 is a JFET-input op amp with a guaranteed maxi-
mum IB of less than 10 pA, and offset and drift laser-trimmed to
0.25 mV and 2
µV/°C respectively (AD548C). AC specs in-
clude 1 MHz bandwidth, 1.8 V/
µs typical slew rate and 8 µs set-
tling time for a 20 V step to
±0.01%—all at a supply current less
than 200
µA. To capitalize on the device’s performance, a num-
ber of error sources should be considered.
The minimal power drain and low offset drift of the AD548
reduce self-heating or “warm-up” effects on input offset voltage,
making the AD548 ideal for on/off battery powered applica-
tions. The power dissipation due to the AD548’s 200
µA supply
current has a negligible effect on input current, but heavy out-
put loading will raise the chip temperature. Since a JFET’s in-
put current doubles for every 10
°C rise in chip temperature, this
can be a noticeable effect.
The amplifier is designed to be functional with power supply
voltages as low as
±4.5 V. It will exhibit a higher input offset
voltage than at the rated supply voltage of
±15 V, due to power
supply rejection effects. The common-mode range of the
AD548 extends from 3 V more positive than the negative supply
to 1 V more negative than the positive supply. Designed to
cleanly drive up to 10 k
Ω and 100 pF loads, the AD548 will
drive a 2 k
Ω load with reduced open loop gain.
OFFSET NULLING
Unlike bipolar input amplifiers, zeroing the input offset voltage
of a BiFET op amp will not minimize offset drift. Using balance
Pins 1 and 5 to adjust the input offset voltage as shown in Fig-
ure 21 will induce an added drift of 0.24
µV/°C per 100 µV of
nulled offset. The low initial offset (0.25 mV) of the AD548C
results in only 0.6
µV/°C of additional drift.
REV. C
–5–
Figure 19a. Unity Gain Follower
Figure 20a. Utility Gain Inverter
Applying the AD548
Figure 21. Offset Null Configuration
LAYOUT
To take full advantage of the AD548’s 10 pA max input current,
parasitic leakages must be kept below an acceptable level. The
practical limit of the resistance of epoxy or phenolic circuit
board material is between 1
× 1012 Ω and 3 × 1012 Ω. This can
result in an additional leakage of 5 pA between an input of 0 V
and a –15 V supply line. Teflon or a similar low leakage material
(with a resistance exceeding 10
17
Ω) should be used to isolate
high impedance input lines from adjacent lines carrying high
voltages. The insulator should be kept clean, since contaminants
will degrade the surface resistance.
A metal guard completely surrounding the high impedance
nodes and driven by a voltage near the common-mode input po-
tential can also be used to reduce some parasitic leakages. The
guarding pattern in Figure 22 will reduce parasitic leakage due
to finite board surface resistance; but it will not compensate for
a low volume resistivity board.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com