Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD548C Datasheet(PDF) 8 Page - Analog Devices

Part # AD548C
Description  Precision, Low Power BiFET Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD548C Datasheet(HTML) 8 Page - Analog Devices

  AD548C Datasheet HTML 1Page - Analog Devices AD548C Datasheet HTML 2Page - Analog Devices AD548C Datasheet HTML 3Page - Analog Devices AD548C Datasheet HTML 4Page - Analog Devices AD548C Datasheet HTML 5Page - Analog Devices AD548C Datasheet HTML 6Page - Analog Devices AD548C Datasheet HTML 7Page - Analog Devices AD548C Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AD548
–8–
REV. C
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
Figure 30. Log Ratio Amplifier
compensation is provided by resistors R8 and R15, which have a
positive 3500 ppm/
°C temperature coefficient. The transfer
function for the output voltage is:
V
OUT
= 1V log
10 ( I2 / I1 )
Frequency compensation is provided by R11, R12, C1, and C2.
Small signal bandwidth is approximately 300 kHz at input cur-
rents above 100
µA and will proportionally decrease with lower
signal levels. D1, D2, R13, and R14 compensate for the effects
of the two logging transistors’ ohmic emitter resistance.
To trim this circuit, set the two input currents to 10
µA and ad-
just VOUT to zero by adjusting the potentiometer on A3. Then
set I2 to 1 µA and adjust the scale factor such that the output
voltage is 1 V by trimming potentiometer R10. Offset adjust-
ment for A1 and A2 is provided to increase the accuracy of the
voltage inputs.
This circuit ensures a 1% log conformance error over an input
current range of 300 pA to 1 mA, with low level accuracy
limited by the AD548’s input current. The low level input volt-
age accuracy of this circuit is limited by the input offset voltage
and drift of the AD548.
TO-99 (H) Package
SOIC (R) Package
Plastic Mini-DIP (N) Package
Cerdip (Q) Package



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com