Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD883B Datasheet(PDF) 1 Page - Analog Devices

Part # AD883B
Description  High Performance, BiFET Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD883B Datasheet(HTML) 1 Page - Analog Devices

  AD883B Datasheet HTML 1Page - Analog Devices AD883B Datasheet HTML 2Page - Analog Devices AD883B Datasheet HTML 3Page - Analog Devices AD883B Datasheet HTML 4Page - Analog Devices AD883B Datasheet HTML 5Page - Analog Devices AD883B Datasheet HTML 6Page - Analog Devices AD883B Datasheet HTML 7Page - Analog Devices AD883B Datasheet HTML 8Page - Analog Devices AD883B Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
High Performance,
BiFET Operational Amplifiers
AD542/AD544/AD547
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
CONNECTION DIAGRAM
+V
NULL
3
4
5
6
7
8
1
2
NULL
OUTPUT
INVERTING
INPUT
NONINVERTING
INPUT
–V
TAB
NOTE: PIN 4 CONNECTED TO CASE
FEATURES
Ultralow Drift: 1
V/ C (AD547L)
Low Offset Voltage: 0.25 mV (AD547L)
Low Input Bias Currents: 25 pA max
Low Quiescent Current: 1.5 mA
Low Noise: 2
V p-p
High Open Loop Gain: 110 dB
High Slew Rate: 13 V/ s
Fast Settling to
0.01%: 3
s
Low Total Harmonic Distortion: 0.0025%
Available in Hermetic Metal Can and Die Form
MIL-STD-883B Versions Available
Dual Versions Available: AD642, AD644, AD647
PRODUCT DESCRIPTION
The BiFET series of precision, monolithic FET-input op amps
are fabricated with the most advanced BiFET and laser trim-
ming technologies. The AD542, AD544, AD547 series offers
bias currents significantly lower than currently available BiFET
devices, 25 pA max, warmed up.
In addition, the offset voltage is laser trimmed to less than
0.25 mV on the AD547L, which is achieved by utilizing Analog
Devices’ exclusive laser wafer trimming (LWT) process. When
combined with the AD547’s low offset drift (1
µV/°C), these
features offer the user performance superior to existing BiFET
op amps at low BiFET pricing.
The AD542 or AD547 is recommended for any operational am-
plifier application requiring excellent dc performance at low to
moderate cost. Precision instrument front ends requiring accu-
rate amplification of millivolt level signals from megohm source
impedances will benefit from the device’s excellent combination
of low offset voltage and drift, low bias current and low 1/f
noise. High common-mode rejection (80 dB, min on the “K”
and “L” grades) and high open-loop gain, even under heavy
loading, ensures better than “12-bit” linearity in high imped-
ance buffer applications.
The AD544 is recommended for any op amp applications re-
quiring excellent ac and dc performance at low cost. The
2 MHz bandwidth and low offset of the AD544 make it the first
choice as an output amplifier for current output D/A converters,
such as the AD7541, 12-bit CMOS DAC.
Devices in this series are available in four grades: the “J,” “K,”
and “L” grades are specified over the 0
°C to +70°C temperature
range and the “S” grade over the –55
°C to +125°C operating
temperature range. All devices are offered in the hermetically
sealed, TO-99 metal can package.
PRODUCT HIGHLIGHTS
1. Improved bipolar and JFET processing results in the lowest
bias current available in a monolithic FET op amp.
2. Analog Devices, unlike some manufacturers, specifies each
device for the maximum bias current at either input in the
warmed-up condition, thus assuring the user that the device
will meet its published specifications in actual use.
3. Advanced laser wafer trimming techniques reduce offset volt-
age drift to 1
µV/°C max and offset voltage to only 0.25 mV
max on the AD547L.
4. Low voltage noise (2
µV p-p) and low offset voltage drift en-
hance performance as a precision op amp.
5. High slew rate (13 V/
µs) and fast settling time to 0.01% (3 µs)
make the AD544 ideal for D/A, A/D, sample-hold circuits
and high speed integrators.
6. Low harmonic distortion (0.0025%) make the AD544 an
ideal choice in audio applications.
7. Bare die are available for use in hybrid circuit applications.


Similar Part No. - AD883B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD883B AD-AD883B Datasheet
464Kb / 14P
Software Programmable Gain Amplifier
AD883B AD-AD883B Datasheet
136Kb / 7P
Internally Trimmed Integrated Circuit Multiplier
AD883B AD-AD883B Datasheet
159Kb / 12P
Internally Trimmed Precision IC Multiplier
AD883B AD-AD883B Datasheet
151Kb / 8P
Integrated Circuit True RMS-to-DC Converter
AD883B AD-AD883B Datasheet
167Kb / 11P
Real-Time Analog Computational Unit ACU
More results

Similar Description - AD883B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A Datasheet
287Kb / 12P
HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
1996 REV 0
MC33282 ONSEMI-MC33282 Datasheet
248Kb / 12P
HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
REV 0
logo
STMicroelectronics
LS404 STMICROELECTRONICS-LS404 Datasheet
209Kb / 12P
HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIERS
Dec-1997
logo
Sanyo Semicon Device
LA6462M SANYO-LA6462M Datasheet
107Kb / 5P
High-Performance Dual Operational Amplifiers
logo
Texas Instruments
LM107 TI-LM107 Datasheet
54Kb / 4P
HIGH-PERFORMANCE OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC1748 MOTOROLA-MC1748 Datasheet
842Kb / 4P
HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
logo
Sanyo Semicon Device
LA6358N SANYO-LA6358N_10 Datasheet
164Kb / 7P
High-Performance Dual Operational Amplifiers
logo
Analog Devices
AD542 AD-AD542_15 Datasheet
382Kb / 12P
High Performance, BiFET Operational Amplifiers
REV. B
AD544 AD-AD544_15 Datasheet
382Kb / 12P
High Performance, BiFET Operational Amplifiers
REV. B
AD547 AD-AD547_15 Datasheet
382Kb / 12P
High Performance, BiFET Operational Amplifiers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com