Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD883B Datasheet(PDF) 3 Page - Analog Devices

Part # AD883B
Description  High Performance, BiFET Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD883B Datasheet(HTML) 3 Page - Analog Devices

  AD883B Datasheet HTML 1Page - Analog Devices AD883B Datasheet HTML 2Page - Analog Devices AD883B Datasheet HTML 3Page - Analog Devices AD883B Datasheet HTML 4Page - Analog Devices AD883B Datasheet HTML 5Page - Analog Devices AD883B Datasheet HTML 6Page - Analog Devices AD883B Datasheet HTML 7Page - Analog Devices AD883B Datasheet HTML 8Page - Analog Devices AD883B Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD542/AD544/AD547
REV. B
–3–
AD542
AD544
AD547
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
POWER SUPPLY
Rated Performance
±15
±15
±15
V
Operating
±5
±18
±5
±18
±5
±18
V
Quiescent Current
1.1
1.5
1.8
2.5
1.1
1.5
mA
VOLTAGE NOISE
0.1 Hz to 10 Hz
J Grade
2.0
2.0
2.0
µV p-p
K, L, S Grades
2.0
2.0
4.0
µV p-p
10 Hz
70
35
70
nV/
√Hz
100 Hz
45
22
45
nV/
√Hz
1 kHz
30
18
30
nV/
√Hz
10 kHz
25
16
25
nV/
√Hz
TEMPERATURE RANGE
Operating, Rated Performance
J, K, L Grades
0 to +70
0 to +70
0 to +70
°C
S Grade
–55 to +125
–55 to +125
–55 to +125
°C
Storage
–65 to +150
–65 to +150
–65 to +150
°C
TRANSISTOR COUNT
29
29
29
NOTES
1Open-Loop Gain is specified with V
OS both nulled and unnulled.
2Input Offset Voltage specifications are guaranteed after 5 minutes of operation at T
A = +25
°C.
3Input Offset Voltage Drift is specified with the offset voltage unnulled. Nulling will induce an additional 3
µV/°C/mV of nulled offset.
4Bias Current specifications are guaranteed at either input after 5 minutes of operation at T
A = +25
°C. For higher temperatures, the current doubles every 10°C.
5Defined as the maximum safe voltage between inputs, such that neither exceeds
± 10 V from ground.
Specifications subject to change without notice.
Specifications shown in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels.
All min and max specifications are guaranteed, although only those shown in boldface are tested on all production units.
ORDERING GUIDE
Initial
Offset
Settling Time
Offset
Voltage
to
0.012% for
Package
Package
Model
Voltage
Drift
a 10 V Step
Description
Option
AD542JCHIPS
2.0 mV
20
µV/°C5 µs
Bare Die
AD542JH
2.0 mV
20
µV/°C5 µs
8-Pin Hermetic Metal Can
H-08A
AD542KH
1.0 mV
10
µV/°C5 µs
8-Pin Hermetic Metal Can
H-08A
AD542LH
0.5 mV
5
µV/°C5 µs
8-Pin Hermetic Metal Can
H-08A
AD542SH
1.0 mV
15
µV/°C5 µs
8-Pin Hermetic Metal Can
H-08A
AD542SH/883B
1.0 mV
15
µV/°C5 µs
8-Pin Hermetic Metal Can
H-08A
AD544JH
2.0 mV
20
µV/°C3 µs
8-Pin Hermetic Metal Can
H-08A
AD544KH
1.0 mV
10
µV/°C3 µs
8-Pin Hermetic Metal Can
H-08A
AD544LH
0.5 mV
5
µV/°C3 µs
8-Pin Hermetic Metal Can
H-08A
AD544SH
1.0 mV
15
µV/°C3 µs
8-Pin Hermetic Metal Can
H-08A
AD544SH/883B
1.0 mV
15
µV/°C3 µs
8-Pin Hermetic Metal Can
H-08A
AD547JH
1.0 mV
5
µV/°C5 µs
8-Pin Hermetic Metal Can
H-08A
AD547KH
0.5 mV
2
µV/°C5 µs
8-Pin Hermetic Metal Can
H-08A
AD547LH
0.25 mV
1
µV/°C5 µs
8-Pin Hermetic Metal Can
H-08A
AD547SCHIPS
0.5 mV
5
µV/°C5 µs
Bare Die
AD547SH/883B
0.5 mV
5
µV/°C5 µs
8-Pin Hermetic Metal Can
H-08A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com