Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD570 Datasheet(PDF) 2 Page - Analog Devices

Part # AD570
Description  Complete 8-Bit A-to-D Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD570 Datasheet(HTML) 2 Page - Analog Devices

  AD570 Datasheet HTML 1Page - Analog Devices AD570 Datasheet HTML 2Page - Analog Devices AD570 Datasheet HTML 3Page - Analog Devices AD570 Datasheet HTML 4Page - Analog Devices AD570 Datasheet HTML 5Page - Analog Devices AD570 Datasheet HTML 6Page - Analog Devices AD570 Datasheet HTML 7Page - Analog Devices AD570 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AD570–SPECIFICATIONS
(TA = +25 C, V+ = +5 V, V– = –12 V or –15 V, all voltages measured with respect to
digital common, unless otherwise noted)
REV. A
–2–
AD570J
AD570S
Model
Min
Typ
Max
Min
Typ
Max
Units
RESOLUTION
1
8
8
Bits
RELATIVE ACCURACY
LSB
TMIN to TMAX
1/2
1/2
LSB
FULL-SCALE CALIBRATION
± 2
± 2
LSB
UNIPOLAR OFFSET
1/2
1/2
LSB
BIPOLAR OFFSET
1/2
1/2
LSB
DIFFERENTIAL NONLINEAIRTY
TMIN to TMAX
88
Bits
TEMPERATURE RANGE
0
+70
–55
+125
°C
TEMPERATURE COEFFICIENTS
Unipolar Offset
1
1
LSB
Bipolar Offset
1
1
LSB
Full-Scale Calibration
2
2
LSB
POWER SUPPLY REJECTION
TTL Positive Supply
+4.5 V
≤ V + ≤ +5.5 V
2
2
LSB
Negative Supply
–16.0 V
≤ V – ≤ –13.5 V
2
2
LSB
ANALOG INPUT IMPEDANCE
3.0
5.0
7.0
3.0
5.0
7.0
k
Ω
ANALOG INPUT RANGES
Unipolar
0
+10
0
+10
V
Bipolar
–5
+5
–5
+5
V
OUTPUT CODING
Unipolar
Positive True Binary
Positive True Binary
Bipolar
Positive True Offset Binary
Positive True Offset Binary
LOGIC OUTPUT
Output Sink Current
(VOUT = 0.4 V max, TMIN to TMAX)
3.2
3.2
mA
Output Source Current
(VOUT = 2.4 V max, TMIN to TMAX)
0.5
0.5
mA
Output Leakage
40
40
µA
LOGIC INPUTS
Input Current
100
100
µA
Logic “1”
2.0
2.0
V
Logic “0”
0.8
0.8
V
CONVERSION TIME
15
25
40
15
25
40
µs
POWER SUPPLY
V+
+4.5
+5.0
+7.0
+4.5
+5.0
+7.0
V
V–
–12.0
–15
–16.5
–12.0
–15
–16.5
V
OPERATING CURRENT
V+
7
10
7
10
mA
V–
9
15
9
15
mA
PACKAGE OPTION
2
Ceramic
DIP (D-18)
AD570JD
AD570SD
NOTES
1The AD570 is a selected version of the AD571 10-bit A-to-D converter. Only TTL logic inputs should be connected to Pins 1 and 18 (or no connection made) or
damage may result.
2For details on grade package offerings for SD-grade in accorance with MIL-STD-883, refer to Analog Devices’ Military Products databook or current /883 data sheet.
Specifications subject to change without notice.
Specifications shown in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels. All min
and max specifications are guaranteed, although only those shown in boldface are tested on all production units.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com