Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD570 Datasheet(PDF) 4 Page - Analog Devices

Part # AD570
Description  Complete 8-Bit A-to-D Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD570 Datasheet(HTML) 4 Page - Analog Devices

  AD570 Datasheet HTML 1Page - Analog Devices AD570 Datasheet HTML 2Page - Analog Devices AD570 Datasheet HTML 3Page - Analog Devices AD570 Datasheet HTML 4Page - Analog Devices AD570 Datasheet HTML 5Page - Analog Devices AD570 Datasheet HTML 6Page - Analog Devices AD570 Datasheet HTML 7Page - Analog Devices AD570 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AD570
REV. A
–4–
FULL-SCALE CALIBRATION
The 5 k
Ω thin-film input resistor is laser trimmed to produce a
current which matches the full-scale current of the internal
DAC—plus about 0.3%—when a full-scale analog input voltage
of 9.961 volts (10 volts—1 LSB) is applied at the input. The in-
put resistor is trimmed in this way so that if a fine trimming
potentiometer is inserted in series with the input signal, the in-
put current at the full-scale input voltage can be trimmed down
to match the DAC full-scale current as precisely as desired.
However, for many applications the nominal 9.961 volt full
scale can be achieved to sufficient accuracy by simply inserting a
15
Ω resistor in series with the analog input to Pin 13. Typical
full-scale calibration error will then be about
±2 LSB or ±0.8%.
If a more precise calibration is desired, a 200
Ω trimmer should
be used instead. Set the analog input at 9.961 volts, and set the
trimmer so that the output code is just at the transition between
11111110 and 11111111. Each LSB will then have a weight of
39.06 mV. If a nominal full scale of 10.24 volts is desired
(which makes the LSB have a value of exactly 40.00 mV), a
50
Ω resistor in series with a 200 Ω trimmer (or a 500 Ω trim-
mer with good resolution) should be used. Of course, larger full-
scale ranges can be arranged by using a larger input resistor, but
linearity and full-scale temperature coefficient may be compro-
mised if the external resistor becomes a sizable percentage of
5 k
Ω.
BIPOLAR OPERATION
The standard unipolar 0 V to +10 V range is obtained by short-
ing the bipolar offset control pin to digital common. If the pin is
left open, the bipolar offset current will be switched into the
comparator summing node, giving a –5 V to +5 V range with an
Figure 4. Standard AD570 Connections
offset binary output code. (–5.00 volts in will give a 8-bit code
of 00000000; an input of 0.00 volts results in an output code of
10000000 and 4.96 volts at the input yields the 11111111 code.)
The bipolar offset control input is not directly TTL compatible,
but a TTL interface for logic control can be constructed as
shown in Figure 5.
Figure 5. Bipolar Offset Controlled by Logic Gate
Gate Output = 1: Unipolar 0 V–10 V Input Range
Gate Output = 0: Bipolar
±5 V Input Range
COMMON-MODE RANGE
The AD570 provides separate analog and digital common con-
nections. The circuit will operate properly with as much as
±200 mV of common-mode range between the two commons.
This permits more flexible control of system common bussing
and digital and analog returns.
In normal operation the analog common terminal may generate
transient currents of up to 2 mA during a conversion. In addi-
tion, a static current of about 2 mA will flow into analog com-
mon in the unipolar mode after a conversion is complete. An
additional 1 mA will flow in during a blank interval with zero
analog input. The analog common current will be modulated by
the variations in input signal.
The absolute maximum differential voltage rating between the
two commons is
±1 volt. We recommend that a parallel pair of
back-to-back protection diodes can be connected as shown in
Figure 6 if they are not connected locally.
Figure 6. Differential Common Voltage Protection



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com