Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD561SD Datasheet(PDF) 6 Page - Analog Devices

Part # AD561SD
Description  Low Cost 10-Bit Monolithic D/A Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD561SD Datasheet(HTML) 6 Page - Analog Devices

  AD561SD Datasheet HTML 1Page - Analog Devices AD561SD Datasheet HTML 2Page - Analog Devices AD561SD Datasheet HTML 3Page - Analog Devices AD561SD Datasheet HTML 4Page - Analog Devices AD561SD Datasheet HTML 5Page - Analog Devices AD561SD Datasheet HTML 6Page - Analog Devices AD561SD Datasheet HTML 7Page - Analog Devices AD561SD Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AD561
–6–
REV. A
ratio such that it is unnecessary to use additional area for ladder
resistors. The current in Q16 is added to the ladder to balance it
properly, but is not switched to the output; thus, full scale is
1023/1024
2 mA.
The switching cell of Q3, Q4, Q5 and Q6 serves to steer the cell
current either to ground (BIT 1 low) or to the DAC output
(BIT 1 high). The entire switching cell carries the same current
whether the bit is on or off, minimizing thermal transients and
ground current errors. The logic threshold, which is generated
from the positive supply (see Digital Logic Interface), is applied
to one side of each cell.
Figure 6. Digital Threshold vs. Positive Supply
DIGITAL LOGIC INTERFACE
All standard positive supply logic families interface easily with
the AD561. The digital code is positive true binary (all bits
high, Logic “1,” gives positive full scale output). The logic input
load factor (100 nA max at Logic “1,” –25
µA max at Logic “0,”
3 pF capacitance), is less than one equivalent digital load for all
logic families, including unbuffered CMOS. The digital
threshold is set internally as a function of the positive supply, as
shown in Figure 6. For most applications, connecting VCC to the
positive logic supply will set the threshold at the proper level for
maximum noise immunity. For nonstandard applications, refer
to Figure 6 for threshold levels. Uncommitted bit input lines
will assume a “1” state (similar to TTL), but they are high
impedance and subject to noise pickup. Unused digital inputs
should be directly connected to ground or VCC, as desired.
SETTLING TIME
The high speed NPN current steering switching cell and
internally compensated reference amplifier of the AD561 are
specifically designed for fast settling operation. The typical
settling time to
±0.05% (1/2 LSB) for the worst case transition
(major carry, 0111111111 to 1000000000) is less than 250 ns;
the lower order bits all settle in less than 200 ns. (Worst case
settling occurs when all bits are switched, especially the MSB.)
Full realization of this high speed performance requires strict
attention to detail by the user in all areas of application and
testing.
The settling time for the AD561 is specified in terms of the
current output, an inherently high speed DAC operating mode.
However, most DAC applications require a current-to-voltage
conversion at some point in the signal path, although an
unbuffered voltage level (not using an op amp) is suitable for
use in a successive-approximation A/D converter (see page 8),
or in many display applications. This form of conversion can
give very fast operation if proper design and layout is done. The
fastest voltage conversion is achieved by connecting a low value
resistor directly to the output, as shown in Figure 9. In this case,
the settling time is primarily determined by the cell switching
time and by the RC time constant of the AD561 output capaci-
tance of 25 picofarads (plus stray capacitance) combined with the
output resistor value. Settling to 0.05% of full scale (for a full-
scale transition) requires 7.6 time constants. This effect is
important for R > 1 k
Ω.
If an op amp must be used to provide a low impedance output
signal, some loss in settling time will be seen due to op amp
dynamics. The normal current-to-voltage converter op amp
circuits are shown in the applications circuits on page 5, using
the fast settling AD509. The circuits shown settle to
±1/2 LSB
in 600 ns unipolar and 1.1
µs bipolar. The DAC output
capacitance, which acts as a stray capacitance at the op amp
inverting input, must be compensated by a feedback capacitor,
as shown. The value should be carefully chosen for each
application and each op amp type.
Figure 5. Circuit Diagram Showing Reference, Control Amplifier, Switching Cell, R-2R Ladder, and Bit Arrangement
of AD561



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com