Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD561SD Datasheet(PDF) 8 Page - Analog Devices

Part # AD561SD
Description  Low Cost 10-Bit Monolithic D/A Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD561SD Datasheet(HTML) 8 Page - Analog Devices

  AD561SD Datasheet HTML 1Page - Analog Devices AD561SD Datasheet HTML 2Page - Analog Devices AD561SD Datasheet HTML 3Page - Analog Devices AD561SD Datasheet HTML 4Page - Analog Devices AD561SD Datasheet HTML 5Page - Analog Devices AD561SD Datasheet HTML 6Page - Analog Devices AD561SD Datasheet HTML 7Page - Analog Devices AD561SD Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AD561
–8–
REV. A
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
16-Pin Ceramic Package
D-16
16-Pin Plastic Package
N-16
Figure 9. Fast Precision Analog to Digital Converter
A much faster converter can be constructed by using higher
performance external components. Each individual high-order
bit settles in less than 250 ns; the low-order bits in less than
200 ns. Because of this, a staged clock, which speeds up for
lower bits will improve the speed. Also, a faster comparator and
Schottky TTL or ECL logic would be necessary. 10-bit convert-
ers in the 3
µs to 5 µs range could be built around the AD561
with these techniques.
DIGITAL 4-TO-20 mA OR 1-TO-5 VOLT CONVERTER
A direct digital 4-to-20 mA or 1-to-5 volt line driver can be built
with the AD561 as shown in Figure 10. The 2.5 volt reference is
divided to provide 1 volt at the op amp noninverting input – thus a
zero input code results in a 1 volt output at the Darlington emitter
(VOUT). The 2 k feedback resistance converts the nominal 2 mA
(
± 20%) full-scale output from the AD561 to 4 volts, for a
total output of 5 volts FS. The voltage at the emitter forces a
proportional current through the 250
Ω (which appears at the
collector as IOUT) The AD561 current is added to the 4–20 mA
line; thus 5 volts full scale gives 22 mA in the current loop. For
exactly 20 mA, trim the 1 k pot for 4.5 V FS. (A single op amp
circuit will not produce both 1 to 5 volt and
4-to-20 mA outputs simultaneously.)
Figure 10. Digital 4-to-20 mA or 1-to-5 Volt Line Driver
DIGITALLY PROGRAMMABLE SETPOINT
COMPARATOR
Figure 11 demonstrates a high accuracy systems-oriented
setpoint comparator. The 2.5 volt reference is buffered and
amplified by the AD741K to produce an exact 10.000 volt
reference which could be used as a primary system reference for
several such circuits. The +10 volt compliance of the AD561
then allows it to generate a zero to +10 volt output swing
through the 5 k
Ω application resistor without an additional op
amp. The digital code for this system will be complementary
binary (all 1s give 0.00 volts out).
Figure 11. Digitally Programmable Set-Point Comparator



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com