Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD584TH Datasheet(PDF) 1 Page - Analog Devices

Part # AD584TH
Description  Pin Programmable Precision Voltage Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD584TH Datasheet(HTML) 1 Page - Analog Devices

  AD584TH Datasheet HTML 1Page - Analog Devices AD584TH Datasheet HTML 2Page - Analog Devices AD584TH Datasheet HTML 3Page - Analog Devices AD584TH Datasheet HTML 4Page - Analog Devices AD584TH Datasheet HTML 5Page - Analog Devices AD584TH Datasheet HTML 6Page - Analog Devices AD584TH Datasheet HTML 7Page - Analog Devices AD584TH Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PIN CONFIGURATIONS
8-Pin TO-99
8-Pin DIP
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Pin Programmable
Precision Voltage Reference
AD584*
FEATURES
Four Programmable Output Voltages:
10.000 V, 7.500 V, 5.000 V, 2.500 V
Laser-Trimmed to High Accuracies
No External Components Required
Trimmed Temperature Coefficient:
5 ppm/ C max, 0 C to +70 C (AD584L)
15 ppm/ C max, –55 C to +125
°C (AD584T)
Zero Output Strobe Terminal Provided
Two Terminal Negative Reference
Capability (5 V & Above)
Output Sources or Sinks Current
Low Quiescent Current: 1.0 mA max
10 mA Current Output Capability
MIL-STD-883 Compliant Versions Available
GENERAL DESCRIPTION
The AD584 is an eight-terminal precision voltage reference of-
fering pin-programmable selection of four popular output volt-
ages: 10.000 V, 7.500 V, 5.000 V and 2.500 V. Other output
voltages, above, below or between the four standard outputs, are
available by the addition of external resistors. Input voltage may
vary between 4.5 and 30 volts.
Laser Wafer Trimming (LWT) is used to adjust the pin-pro-
grammable output levels and temperature coefficients, resulting
in the most flexible high precision voltage reference available in
monolithic form.
In addition to the programmable output voltages, the AD584
offers a unique strobe terminal which permits the device to be
turned on or off. When the AD584 is used as a power supply
reference, the supply can be switched off with a single, low-
power signal. In the “off” state the current drain by the AD584
is reduced to about 100
µA. In the “on” state the total supply
current is typically 750
µA including the output buffer amplifier.
The AD584 is recommended for use as a reference for 8-, 10- or
12-bit D/A converters which require an external precision refer-
ence. The device is also ideal for all types of A/D converters of
up to 14-bit accuracy, either successive approximation or inte-
grating designs, and in general can offer better performance
than that provided by standard self-contained references.
The AD584J, K and L are specified for operation from 0
°C to
+70
°C; the AD584S and T are specified for the –55°C to
+125
°C range. All grades are packaged in a hermetically sealed
eight-terminal TO-99 metal can; the AD584 J and K are also
available in an 8-pin plastic DIP.
*Protected by U.S. Patent No. 3,887,863; RE 30,586
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
PRODUCT HIGHLIGHTS
1. The flexibility of the AD584 eliminates the need to design-
in and inventory several different voltage references. Fur-
thermore one AD584 can serve as several references
simultaneously when buffered properly.
2. Laser trimming of both initial accuracy and temperature co-
efficient results in very low errors over temperature without
the use of external components. The AD584LH has a maxi-
mum deviation from 10.000 volts of
±7.25 mV from 0°C to
+70
°C.
3. The AD584 can be operated in a two-terminal “Zener”
mode at 5 volts output and above. By connecting the input
and the output, the AD584 can be used in this “Zener” con-
figuration as a negative reference.
4. The output of the AD584 is configured to sink or source
currents. This means that small reverse currents can be tol-
erated in circuits using the AD584 without damage to the
reference and without disturbing the output voltage (10 V,
7.5 V and 5 V outputs).
5. The AD584 is available in versions compliant with MIL-
STD-883. Refer to the Analog Devices Military Products
Databook or current AD584/883B data sheet for detailed
specifications.


Similar Part No. - AD584TH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD584TH AD-AD584TH Datasheet
515Kb / 12P
Pin Programmable, Precision Voltage Reference
REV. C
AD584TH AD-AD584TH Datasheet
515Kb / 12P
Pin Programmable, Precision Voltage Reference
REV. C
AD584TH AD-AD584TH Datasheet
515Kb / 12P
Pin Programmable, Precision Voltage Reference
REV. C
AD584TH/883B AD-AD584TH/883B Datasheet
515Kb / 12P
Pin Programmable, Precision Voltage Reference
REV. C
AD584TH883B AD-AD584TH883B Datasheet
515Kb / 12P
Pin Programmable, Precision Voltage Reference
REV. C
More results

Similar Description - AD584TH

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX584 MAXIM-MX584 Datasheet
296Kb / 8P
Pin Programmable Precision Voltage Reference
Rev 1; 8/96
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
PRECISION PROGRAMMABLE REFERENCE
logo
Analog Devices
AD584 AD-AD584_12 Datasheet
515Kb / 12P
Pin Programmable, Precision Voltage Reference
REV. C
JM3851012801BGA AD-JM3851012801BGA Datasheet
515Kb / 12P
Pin Programmable, Precision Voltage Reference
REV. C
AD584TH AD-AD584TH Datasheet
515Kb / 12P
Pin Programmable, Precision Voltage Reference
REV. C
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
PROGRAMMABLE PRECISION REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
PROGRAMMABLE PRECISION REFERENCE
logo
Maxim Integrated Produc...
MX584 MAXIM-MX584_V01 Datasheet
642Kb / 11P
Pin-Programmable, Precision Voltage Reference
2004
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com