Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD607ARS Datasheet(PDF) 13 Page - Analog Devices

Part # AD607ARS
Description  Low Power Mixer/AGC/RSSI 3 V Receiver IF Subsystem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD607ARS Datasheet(HTML) 13 Page - Analog Devices

Back Button AD607ARS Datasheet HTML 9Page - Analog Devices AD607ARS Datasheet HTML 10Page - Analog Devices AD607ARS Datasheet HTML 11Page - Analog Devices AD607ARS Datasheet HTML 12Page - Analog Devices AD607ARS Datasheet HTML 13Page - Analog Devices AD607ARS Datasheet HTML 14Page - Analog Devices AD607ARS Datasheet HTML 15Page - Analog Devices AD607ARS Datasheet HTML 16Page - Analog Devices AD607ARS Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD607
REV. 0
–13–
Timebase = 5.00 µs/div
Delay = 40.2377 ms
Memory 1 = 100.0 mVolts/div
Offset = 154.0 mVolts
Timebase = 5.00 µs/div
Delay = 40.2377 ms
Memory 2 = 60.00 mVolts/div
Offset = 209.0 mVolts
Timebase = 5.00 µs/div
Delay = 40.2377 ms
Delta T
= 15.7990 µs
Start
= 40.2327 ms
Stop
= 40.2485 ms
Trigger on External at Pos. Edge at 40.0 mVolts
40.2377 ms
40.2127 ms
40.2627 ms
Figure 31. Power-Up Response Time to PLL Stable
0
GAIN VOLTAGE – Volts
5
0.5
1.5
2
10
1
15
2.5
Figure 32. Power Supply Current vs. Gain Control Voltage,
GREF = 1.5 V
PRODUCT OVERVIEW
The AD607 provides most of the active circuitry required to
realize a complete low power, single-conversion superhetero-
dyne receiver, or most of a double-conversion receiver, at input
frequencies up to 500 MHz, and with an IF of from 400 kHz to
12 MHz. The internal I/Q demodulators, and their associated
phase locked-loop, which can provide carrier recovery from the
IF, support a wide variety of modulation modes, including n-
PSK, n-QAM, and AM. A single positive supply voltage of 3 V
is required (2.7 V minimum, 5.5 V maximum) at a typical sup-
ply current of 8.5 mA at midgain. In the following discussion,
VP will be used to denote the power supply voltage, which will
be assumed to be 3 V.
Figure 33 shows the main sections of the AD607. It consists of a
variable-gain UHF mixer and linear four-stage IF strip, which
together provide a voltage controlled gain range of more than
90 dB; followed by dual demodulators, each comprising a multi-
plier followed by a 2-pole, 2 MHz low-pass filter; and driven by
a phase-locked loop providing the inphase and quadrature
clocks. An internal AGC detector is included, and the tempera-
ture stable gain control system provides an accurate RSSI capa-
bility. A biasing system with CMOS compatible power-down
completes the AD607.
Mixer
The UHF mixer is an improved Gilbert cell design, and can
operate from low frequencies (it is internally dc-coupled) up to
an RF input of 500 MHz. The dynamic range at the input of the
mixer is determined, at the upper end, by the maximum input
signal level of
±56 mV between RFHI and RFLO up to which
the mixer remains linear, and, at the lower end, by the noise
level. It is customary to define the linearity of a mixer in terms
of the 1 dB gain-compression point and third-order intercept,
which for the AD607 are –15 dBm and –8 dBm, respectively, in
a 50
Ω system.
Figure 33. Functional Block Diagram
RFHI
RFLO
IFLO
BPF
LOIP
MXOP
MID-POINT
BIAS
GENERATOR
VMID
IFHI
BIAS
GENERATOR
VPS1
VPS2
PRUP
COM1
COM2
VMID
AGC
DETECTOR
PTAT
VOLTAGE
IFOP
BPF OR
LPF
DMIP
IOUT
FDIN
FLTR
QOUT
GAIN/RSSI
AD607
GREF
VQFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com