Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD607ARS Datasheet(PDF) 16 Page - Analog Devices

Part # AD607ARS
Description  Low Power Mixer/AGC/RSSI 3 V Receiver IF Subsystem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD607ARS Datasheet(HTML) 16 Page - Analog Devices

Back Button AD607ARS Datasheet HTML 12Page - Analog Devices AD607ARS Datasheet HTML 13Page - Analog Devices AD607ARS Datasheet HTML 14Page - Analog Devices AD607ARS Datasheet HTML 15Page - Analog Devices AD607ARS Datasheet HTML 16Page - Analog Devices AD607ARS Datasheet HTML 17Page - Analog Devices AD607ARS Datasheet HTML 18Page - Analog Devices AD607ARS Datasheet HTML 19Page - Analog Devices AD607ARS Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
REV. 0
–16–
AD607
Table II. AD607 Gain and Manual Gain Control Voltage vs. Power Supply Voltage
Power Supply
GREF
Gain Control
Voltage
(= VMID)
Scale Factor
Scale Factor
Voltage Input Range
(V)
(V)
(dB/V)
(mV/dB)
(V)
2.7
1.35
55.56
18.00
0.360–1.800
3.0
1.5
50.00
20.00
0.400–2.000
3.5
1.75
42.86
23.33
0.467–2.333
4.0
2.0
37.50
26.67
0.533–2.667
4.5
2.25
33.33
30.00
0.600–3.000
5.0
2.5
30.00
33.33
0.667–3.333
5.5
2.75
27.27
36.67
0.733–3.667
NOTE
Maximum gain occurs for gain control voltage = 0 V.
AD607
BPF
IFOP
DMIP
RT
2RT
2RT
VPOS
a. Biasing DMIP from Power Supply (Assumes BPF AC
Coupled Internally)
AD607
BPF
IFOP
DMIP
RT
DMIP
RT
CBYPASS
b. Biasing DMIP from VMID (Assumes BPF AC Coupled
Internally)
Figure 39. Suggested Methods for Biasing Pin DMIP
at VP/2
For IFs < 3 MHz, the on-chip low-pass filters (2 MHz cutoff)
do not attenuate the IF or feedthrough products; thus, the maxi-
mum input voltage at DMIP must be limited to
±75 mV to al-
low sufficient headroom at the I and Q outputs for not only the
desired baseband signal but also the unattenuated higher-order
demodulation products. These products can be removed by an
external low-pass filter. In the case of IS54 applications using a
455 kHz IF and the AD7013 baseband converter, a simple
1-pole RC filter with its corner above the modulation bandwidth
is sufficient to attenuate undesired outputs.
Phase-Locked Loop
The demodulators are driven by quadrature signals that are pro-
vided by a variable frequency quadrature oscillator (VFQO),
phase locked to a reference signal applied to pin FDIN. When
this signal is at the IF, inphase and quadrature baseband out-
puts are generated at IOUT and QOUT, respectively. The
The reference signal may be provided from an external source,
in the form of a high-level clock, typically a low level signal
(
±400 mV) since there is an input amplifier between FDIN and
the loop’s phase detector. For example, the IF output itself can
be used by connecting DMIP to FDIN, which will then pro-
vide automatic carrier recover for synchronous AM detection
and take advantage of any post-IF filtering. Pin FDIN must be
biased at VP/2; Figure 41 shows suggested methods.
The VFQO operates from 400 kHz to 12 MHz and is con-
trolled by the voltage between VPOS and FLTR. In normal op-
eration, a series RC network, forming the PLL loop filter, is
connected from FLTR to ground. The use of an integral
sample-hold system ensures that the frequency-control voltage
on pin FLTR remains held during power-down, so reacquisition
of the carrier typically occurs in 16.5
µs.
In practice, the probability of a phase mismatch at power-up is
high, so the worst-case linear settling period to full lock needs
to be considered in making filter choices. This is typically 16.5
µs
at an IF of 10.7 MHz for a
±100 mV signal at DMIP and
FDIN.
quadrature accuracy of this VFQO is typically –1.2
° at
10.7 MHz. The PLL uses a sequential-phase detector that
comprises low power emitter-coupled logic and a charge pump
(Figure 40).
SEQUENTIAL
PHASE
DETECTOR
VARIABLE-
FREQUENCY
QUADRATURE
OSCILLATOR
90
°
Q-CLOCK
(ECL OUTPUTS)
I-CLOCK
REFERENCE CARRIER
(FDIN AFTER LIMITING)
U
D
IU~
40µA
C
R
VF
F
R
ID~
40µA
Figure 40. Simplified Schematic of the PLL and
Quadrature VCO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com