Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD587JRZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD587JRZ
Description  High Precision 10 V Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD587JRZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD587JRZ Datasheet HTML 4Page - Analog Devices AD587JRZ Datasheet HTML 5Page - Analog Devices AD587JRZ Datasheet HTML 6Page - Analog Devices AD587JRZ Datasheet HTML 7Page - Analog Devices AD587JRZ Datasheet HTML 8Page - Analog Devices AD587JRZ Datasheet HTML 9Page - Analog Devices AD587JRZ Datasheet HTML 10Page - Analog Devices AD587JRZ Datasheet HTML 11Page - Analog Devices AD587JRZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. F
–8–
AD587
Precision High Current Supply
For higher currents, the AD587 can easily be connected to a power
PNP or power Darlington PNP device. The circuits in Figure 15a
and 15b can deliver up to 4 A to the load. The 0.1
µF capacitor
is required only if the load has a significant capacitive component.
If the load is purely resistive, improved high frequency supply
rejection results can be obtained by removing the capacitor.
AD587
+VIN
+VS
VOUT
220
0.1 F
2
6
4
RC
2N6285
IL =
+ IBIAS
10V
RC
Figure 15a. Precision High Current Current Source
AD587
+VIN
+VS
VOUT
VOUT
220
0.1 F
2
6
4
2N6285
+10V @ 4 AMPS
Figure 15b. Precision High Current Voltage Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com