Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD587JRZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD587JRZ
Description  High Precision 10 V Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD587JRZ Datasheet(HTML) 2 Page - Analog Devices

  AD587JRZ Datasheet HTML 1Page - Analog Devices AD587JRZ Datasheet HTML 2Page - Analog Devices AD587JRZ Datasheet HTML 3Page - Analog Devices AD587JRZ Datasheet HTML 4Page - Analog Devices AD587JRZ Datasheet HTML 5Page - Analog Devices AD587JRZ Datasheet HTML 6Page - Analog Devices AD587JRZ Datasheet HTML 7Page - Analog Devices AD587JRZ Datasheet HTML 8Page - Analog Devices AD587JRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. F
–2–
AD587–SPECIFICATIONS (T
A = 25 C, VIN = 15 V, unless otherwise noted.)
AD587J
AD587K
AD587L/AD587U
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
OUTPUT VOLTAGE
9.990
10.010
9.995
10.005 9.995
10.005
V
OUTPUT VOLTAGE DRIFT
1
0
°C to 70°C20105
ppm/
°C
–55
°C to +125°C20
105
GAIN ADJUSTMENT
+3
+3
+3
%
–1
–1
–1
LINE REGULATION
1
13.5 V
≤ +VIN ≤ 36 V
TMIN to TMAX
±100
±100
±100
µV/V
LOAD REGULATION
1
Sourcing 0 mA < IOUT < 10 mA
TMIN to TMAX
±100
±100
±100
µV/mA
Sourcing –10 mA < IOUT < 0 mA
2
TMIN to TMAX
±100
±100
±100
QUIESCENT CURRENT
2
4
2
4
2
4
mA
POWER DISSIPATION
30
30
30
mW
OUTPUT NOISE
0.1 Hz to 10 Hz
4
4
4
µV p-p
Spectral Density, 100 Hz
100
100
100
nV/
√Hz
LONG-TERM STABILITY
±15
±15
±15
ppm/1000 hr.
SHORT-CIRCUIT
CURRENT-TO-GROUND
30
70
30
70
30
70
mA
SHORT-CIRCUIT
CURRENT-TO-VIN
30
70
30
70
30
70
mA
TEMPERATURE RANGE
Specified Performance (J, K, L)
0
+70
0
+70
0
+70
°C
Operating Performance (J, K, L)
3
–40
+85
–40
+85
–40
+85
Specified Performance (U)
–55
+125
–55
+125
–55
+125
Operating Performance (U)
3
–55
+125
–55
+125
–55
+125
NOTES
1Specification is guaranteed for all packages and grades. CERDIP packaged parts are 100% production tested.
2Load regulation (sinking) specification for SOIC (R) package is
± 200 µV/mA.
3The operating temperature range is defined as the temperature extremes at which the device will still function. Parts may deviate from their specified performance
outside their specified temperature range.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com