Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD595C Datasheet(PDF) 1 Page - Analog Devices

Part # AD595C
Description  Monolithic Thermocouple Amplifiers with Cold Junction Compensation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD595C Datasheet(HTML) 1 Page - Analog Devices

  AD595C Datasheet HTML 1Page - Analog Devices AD595C Datasheet HTML 2Page - Analog Devices AD595C Datasheet HTML 3Page - Analog Devices AD595C Datasheet HTML 4Page - Analog Devices AD595C Datasheet HTML 5Page - Analog Devices AD595C Datasheet HTML 6Page - Analog Devices AD595C Datasheet HTML 7Page - Analog Devices AD595C Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FUNCTIONAL BLOCK DIAGRAM
14
13
12
11
10
9
8
OVERLOAD
DETECT
ICE
POINT
COMP.
+A
G
G
–TC
+TC
1
2
345
6
7
AD594/AD595
+IN
+C
+T
COM
–T
–C
V–
–IN
–ALM
+ALM
V+
COMP
VO
FB
a
Monolithic Thermocouple Amplifiers
with Cold Junction Compensation
AD594/AD595
FEATURES
Pretrimmed for Type J (AD594) or
Type K (AD595) Thermocouples
Can Be Used with Type T Thermocouple Inputs
Low Impedance Voltage Output: 10 mV/ C
Built-In Ice Point Compensation
Wide Power Supply Range: +5 V to
15 V
Low Power: <1 mW typical
Thermocouple Failure Alarm
Laser Wafer Trimmed to 1 C Calibration Accuracy
Setpoint Mode Operation
Self-Contained Celsius Thermometer Operation
High Impedance Differential Input
Side-Brazed DIP or Low Cost Cerdip
PRODUCT DESCRIPTION
The AD594/AD595 is a complete instrumentation amplifier and
thermocouple cold junction compensator on a monolithic chip.
It combines an ice point reference with a precalibrated amplifier
to produce a high level (10 mV/
°C) output directly from a ther-
mocouple signal. Pin-strapping options allow it to be used as a
linear amplifier-compensator or as a switched output setpoint
controller using either fixed or remote setpoint control. It can
be used to amplify its compensation voltage directly, thereby
converting it to a stand-alone Celsius transducer with a low
impedance voltage output.
The AD594/AD595 includes a thermocouple failure alarm that
indicates if one or both thermocouple leads become open. The
alarm output has a flexible format which includes TTL drive
capability.
The AD594/AD595 can be powered from a single ended supply
(including +5 V) and by including a negative supply, tempera-
tures below 0
°C can be measured. To minimize self-heating, an
unloaded AD594/AD595 will typically operate with a total sup-
ply current 160
µA, but is also capable of delivering in excess of
±5 mA to a load.
The AD594 is precalibrated by laser wafer trimming to match
the characteristic of type J (iron-constantan) thermocouples and
the AD595 is laser trimmed for type K (chromel-alumel) inputs.
The temperature transducer voltages and gain control resistors
are available at the package pins so that the circuit can be
recalibrated for the thermocouple types by the addition of two
or three resistors. These terminals also allow more precise cali-
bration for both thermocouple and thermometer applications.
The AD594/AD595 is available in two performance grades. The
C and the A versions have calibration accuracies of
±1°C and
±3°C, respectively. Both are designed to be used from 0°C to
+50
°C, and are available in 14-pin, hermetically sealed, side-
brazed ceramic DIPs as well as low cost cerdip packages.
PRODUCT HIGHLIGHTS
1. The AD594/AD595 provides cold junction compensation,
amplification, and an output buffer in a single IC package.
2. Compensation, zero, and scale factor are all precalibrated by
laser wafer trimming (LWT) of each IC chip.
3. Flexible pinout provides for operation as a setpoint control-
ler or a stand-alone temperature transducer calibrated in
degrees Celsius.
4. Operation at remote application sites is facilitated by low
quiescent current and a wide supply voltage range +5 V to
dual supplies spanning 30 V.
5. Differential input rejects common-mode noise voltage on the
thermocouple leads.
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999


Similar Part No. - AD595C

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD595CD AD-AD595CD Datasheet
131Kb / 8P
Monolithic Thermocouple Amplifiers with Cold Junction Compensation
REV. C
logo
List of Unclassifed Man...
AD595CD ETC2-AD595CD Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Analog Devices
AD595CDZ AD-AD595CDZ Datasheet
140Kb / 8P
Monolithic Thermocouple Amplifiers
REV. C
AD595CQ AD-AD595CQ Datasheet
131Kb / 8P
Monolithic Thermocouple Amplifiers with Cold Junction Compensation
REV. C
logo
List of Unclassifed Man...
AD595CQ ETC2-AD595CQ Datasheet
2Mb / 31P
SEMICONDUCTORS
More results

Similar Description - AD595C

ManufacturerPart #DatasheetDescription
logo
Bi technologies
143-131A BITECH-143-131A Datasheet
388Kb / 3P
COLD JUNCTION COMPENSATION MODULE
logo
Analog Devices
AD8494 AD-AD8494 Datasheet
2Mb / 15P
Thermocouple Amplifiers With Cold Junction Compensation
Rev. PrA
AD8494 AD-AD8494_1 Datasheet
493Kb / 16P
Precision Thermocouple Amplifiers with Cold Junction Compensation
REV. 0
AD594CDZ AD-AD594CDZ Datasheet
131Kb / 8P
Monolithic Thermocouple Amplifiers with Cold Junction Compensation
REV. C
AD594ADZ AD-AD594ADZ Datasheet
131Kb / 8P
Monolithic Thermocouple Amplifiers with Cold Junction Compensation
REV. C
AD595ADZ AD-AD595ADZ Datasheet
131Kb / 8P
Monolithic Thermocouple Amplifiers with Cold Junction Compensation
REV. C
AD595ADZ AD-AD595ADZ Datasheet
146Kb / 8P
Monolithic Thermocouple Amplifiers with Cold Junction Compensation
REV. C
AD594 AD-AD594_15 Datasheet
140Kb / 8P
Monolithic Thermocouple Amplifiers with Cold Junction Compensation
REV. C
AD595 AD-AD595_15 Datasheet
140Kb / 8P
Monolithic Thermocouple Amplifiers with Cold Junction Compensation
REV. C
AD8494 AD-AD8494_18 Datasheet
508Kb / 16P
Precision Thermocouple Amplifiers with Cold Junction Compensation
4/2018-Rev. C to Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com