Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD595C Datasheet(PDF) 4 Page - Analog Devices

Part # AD595C
Description  Monolithic Thermocouple Amplifiers with Cold Junction Compensation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD595C Datasheet(HTML) 4 Page - Analog Devices

  AD595C Datasheet HTML 1Page - Analog Devices AD595C Datasheet HTML 2Page - Analog Devices AD595C Datasheet HTML 3Page - Analog Devices AD595C Datasheet HTML 4Page - Analog Devices AD595C Datasheet HTML 5Page - Analog Devices AD595C Datasheet HTML 6Page - Analog Devices AD595C Datasheet HTML 7Page - Analog Devices AD595C Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AD594/AD595
REV. C
–4–
CONSTANTAN
(ALUMEL)
IRON
(CHROMEL)
+5V TO +30V
COMMON
SPAN OF
5V TO 30V
0V TO –25V
OVERLOAD
DETECT
G
–TC
+TC
12
3
4
5
67
13
12
11
10
AD594/
AD595
14
ICE
POINT
COMP.
+A
98
G
Figure 2. Dual Supply Operation
With a negative supply the output can indicate negative tem-
peratures and drive grounded loads or loads returned to positive
voltages. Increasing the positive supply from 5 V to 15 V ex-
tends the output voltage range well beyond the 750
°C
temperature limit recommended for type J thermocouples
(AD594) and the 1250
°C for type K thermocouples (AD595).
Common-mode voltages on the thermocouple inputs must remain
within the common-mode range of the AD594/AD595, with a
return path provided for the bias currents. If the thermocouple
is not remotely grounded, then the dotted line connections in
Figures 1 and 2 are recommended. A resistor may be needed in
this connection to assure that common-mode voltages induced
in the thermocouple loop are not converted to normal mode.
THERMOCOUPLE CONNECTIONS
The isothermal terminating connections of a pair of thermo-
couple wires forms an effective reference junction. This junction
must be kept at the same temperature as the AD594/AD595 for
the internal cold junction compensation to be effective.
A method that provides for thermal equilibrium is the printed
circuit board connection layout illustrated in Figure 3.
IRON
(CHROMEL)
CONSTANTAN
(ALUMEL)
+T
+C
–T
–C
+IN
–IN
114
–ALM
+ALM
78
COMP
COMMON
V–
VOUT
V+
Figure 3. PCB Connections
Here the AD594/AD595 package temperature and circuit board
are thermally contacted in the copper printed circuit board
tracks under Pins 1 and 14. The reference junction is now com-
posed of a copper-constantan (or copper-alumel) connection
and copper-iron (or copper-chromel) connection, both of which
are at the same temperature as the AD594/AD595.
The printed circuit board layout shown also provides for place-
ment of optional alarm load resistors, recalibration resistors and
a compensation capacitor to limit bandwidth.
To ensure secure bonding the thermocouple wire should be
cleaned to remove oxidation prior to soldering. Noncorrosive
rosin flux is effective with iron, constantan, chromel and alumel
and the following solders: 95% tin-5% antimony, 95% tin-5%
silver or 90% tin-10% lead.
FUNCTIONAL DESCRIPTION
The AD594 behaves like two differential amplifiers. The out-
puts are summed and used to control a high gain amplifier, as
shown in Figure 4.
14
13
12
11
10
9
8
OVERLOAD
DETECT
ICE
POINT
COMP.
+A
G
G
–TC
+TC
12
3
4
56
7
AD594/AD595
+IN
+C
+T
COM
–T
–C
V–
–IN
–ALM
+ALM
V+
COMP
VO
FB
Figure 4. AD594/AD595 Block Diagram
In normal operation the main amplifier output, at Pin 9, is con-
nected to the feedback network, at Pin 8. Thermocouple signals
applied to the floating input stage, at Pins 1 and 14, are ampli-
fied by gain G of the differential amplifier and are then further
amplified by gain A in the main amplifier. The output of the
main amplifier is fed back to a second differential stage in an in-
verting connection. The feedback signal is amplified by this
stage and is also applied to the main amplifier input through a
summing circuit. Because of the inversion, the amplifier causes
the feedback to be driven to reduce this difference signal to a
small value. The two differential amplifiers are made to match
and have identical gains, G. As a result, the feedback signal that
must be applied to the right-hand differential amplifier will pre-
cisely match the thermocouple input signal when the difference
signal has been reduced to zero. The feedback network is trim-
med so that the effective gain to the output, at Pins 8 and 9, re-
sults in a voltage of 10 mV/
°C of thermocouple excitation.
In addition to the feedback signal, a cold junction compensation
voltage is applied to the right-hand differential amplifier. The
compensation is a differential voltage proportional to the Celsius
temperature of the AD594/AD595. This signal disturbs the dif-
ferential input so that the amplifier output must adjust to restore
the input to equal the applied thermocouple voltage.
The compensation is applied through the gain scaling resistors
so that its effect on the main output is also 10 mV/
°C. As a
result, the compensation voltage adds to the effect of the ther-
mocouple voltage a signal directly proportional to the difference
between 0
°C and the AD594/AD595 temperature. If the thermo-
couple reference junction is maintained at the AD594/AD595
temperature, the output of the AD594/AD595 will correspond
to the reading that would have been obtained from amplification
of a signal from a thermocouple referenced to an ice bath.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com