Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD620BR Datasheet(PDF) 1 Page - Analog Devices

Part # AD620BR
Description  Low Cost, Low Power Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD620BR Datasheet(HTML) 1 Page - Analog Devices

  AD620BR Datasheet HTML 1Page - Analog Devices AD620BR Datasheet HTML 2Page - Analog Devices AD620BR Datasheet HTML 3Page - Analog Devices AD620BR Datasheet HTML 4Page - Analog Devices AD620BR Datasheet HTML 5Page - Analog Devices AD620BR Datasheet HTML 6Page - Analog Devices AD620BR Datasheet HTML 7Page - Analog Devices AD620BR Datasheet HTML 8Page - Analog Devices AD620BR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CONNECTION DIAGRAM
8-Lead Plastic Mini-DIP (N), Cerdip (Q)
and SOIC (R) Packages
–IN
RG
–VS
+IN
RG
+VS
OUTPUT
REF
1
2
3
4
8
7
6
5
AD620
TOP VIEW
REV. E
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Low Cost, Low Power
Instrumentation Amplifier
AD620
FEATURES
EASY TO USE
Gain Set with One External Resistor
(Gain Range 1 to 1000)
Wide Power Supply Range ( 2.3 V to
18 V)
Higher Performance than Three Op Amp IA Designs
Available in 8-Lead DIP and SOIC Packaging
Low Power, 1.3 mA max Supply Current
EXCELLENT DC PERFORMANCE (“B GRADE”)
50
V max, Input Offset Voltage
0.6
V/ C max, Input Offset Drift
1.0 nA max, Input Bias Current
100 dB min Common-Mode Rejection Ratio (G = 10)
LOW NOISE
9 nV/
√Hz, @ 1 kHz, Input Voltage Noise
0.28
V p-p Noise (0.1 Hz to 10 Hz)
EXCELLENT AC SPECIFICATIONS
120 kHz Bandwidth (G = 100)
15
s Settling Time to 0.01%
APPLICATIONS
Weigh Scales
ECG and Medical Instrumentation
Transducer Interface
Data Acquisition Systems
Industrial Process Controls
Battery Powered and Portable Equipment
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
PRODUCT DESCRIPTION
The AD620 is a low cost, high accuracy instrumentation ampli-
fier that requires only one external resistor to set gains of 1 to
0
5
10
15
20
30,000
5,000
10,000
15,000
20,000
25,000
0
SUPPLY CURRENT – mA
AD620A
RG
3 OP-AMP
IN-AMP
(3 OP-07s)
Figure 1. Three Op Amp IA Designs vs. AD620
SOURCE RESISTANCE –
100M
10k
1k
10M
1M
100k
10,000
0.1
100
1,000
10
1
TYPICAL STANDARD
BIPOLAR INPUT
IN-AMP
AD620 SUPER ETA
BIPOLAR INPUT
IN-AMP
G = 100
Figure 2. Total Voltage Noise vs. Source Resistance
1000. Furthermore, the AD620 features 8-lead SOIC and DIP
packaging that is smaller than discrete designs, and offers lower
power (only 1.3 mA max supply current), making it a good fit
for battery powered, portable (or remote) applications.
The AD620, with its high accuracy of 40 ppm maximum
nonlinearity, low offset voltage of 50
µV max and offset drift of
0.6
µV/°C max, is ideal for use in precision data acquisition
systems, such as weigh scales and transducer interfaces. Fur-
thermore, the low noise, low input bias current, and low power
of the AD620 make it well suited for medical applications such
as ECG and noninvasive blood pressure monitors.
The low input bias current of 1.0 nA max is made possible with
the use of Super
βeta processing in the input stage. The AD620
works well as a preamplifier due to its low input voltage noise of
9 nV/
√Hz at 1 kHz, 0.28 µV p-p in the 0.1 Hz to 10 Hz band,
0.1 pA/
√Hz input current noise. Also, the AD620 is well suited
for multiplexed applications with its settling time of 15
µs to
0.01% and its cost is low enough to enable designs with one in-
amp per channel.


Similar Part No. - AD620BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD620BR AD-AD620BR Datasheet
788Kb / 20P
Low Cost Low Power Instrumentation Amplifier
12/04-Rev. F to Rev. G
AD620BR AD-AD620BR Datasheet
788Kb / 20P
Low Cost Low Power Instrumentation Amplifier
Rev. G
logo
List of Unclassifed Man...
AD620BR ETC2-AD620BR Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Analog Devices
AD620BR-REEL AD-AD620BR-REEL Datasheet
788Kb / 20P
Low Cost Low Power Instrumentation Amplifier
12/04-Rev. F to Rev. G
AD620BR-REEL AD-AD620BR-REEL Datasheet
788Kb / 20P
Low Cost Low Power Instrumentation Amplifier
Rev. G
More results

Similar Description - AD620BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD622 AD-AD622 Datasheet
151Kb / 11P
Low Cost Instrumentation Amplifier
logo
National Semiconductor ...
LH0037C NSC-LH0037C Datasheet
201Kb / 3P
Low cost Instrumentation Amplifier
logo
Analog Devices
AD620 AD-AD620_05 Datasheet
788Kb / 20P
Low Cost Low Power Instrumentation Amplifier
12/04-Rev. F to Rev. G
AD620 AD-AD620_04 Datasheet
788Kb / 20P
Low Cost Low Power Instrumentation Amplifier
Rev. G
AD622 AD-AD622_1 Datasheet
395Kb / 16P
Low Cost Instrumentation Amplifier
REV. D
AD620 AD-AD620_15 Datasheet
643Kb / 21P
Low Cost Low Power Instrumentation Amplifier
Rev. H
AD622 AD-AD622_15 Datasheet
491Kb / 17P
Low Cost Instrumentation Amplifier
Rev. E
AD620 AD-AD620_16 Datasheet
483Kb / 21P
Low Cost Low Power Instrumentation Amplifier
Rev. H
AD622 AD-AD622_16 Datasheet
348Kb / 17P
Low Cost Instrumentation Amplifier
Rev. E
logo
JSC ALFA.
AS620 ALFA-AS620 Datasheet
309Kb / 4P
Low Cost Low Power Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com