Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD883B2 Datasheet(PDF) 12 Page - Analog Devices

Part # AD883B2
Description  Low Drift, Low Power Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD883B2 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD883B2 Datasheet HTML 8Page - Analog Devices AD883B2 Datasheet HTML 9Page - Analog Devices AD883B2 Datasheet HTML 10Page - Analog Devices AD883B2 Datasheet HTML 11Page - Analog Devices AD883B2 Datasheet HTML 12Page - Analog Devices AD883B2 Datasheet HTML 13Page - Analog Devices AD883B2 Datasheet HTML 14Page - Analog Devices AD883B2 Datasheet HTML 15Page - Analog Devices AD883B2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD621
REV. B
–12–
AD548
TO
REF
C
R
TO
VOUT1
–
+
–
+
10
AD621
DAC
0 TO
10V
–
+
VDIFF
0.5V
INPUT A:
10V CM
VCOM
10V–
+
–
+
INPUT B:
1V
OFFSET
VDIFF + VOFFSET
(1.25V + 1V)
VOUT1
G = 10
–
+
10
AD621
VOUT2
TOTAL GAIN = 100
10k
10k
OPTIONAL
USE THIS IN PLACE OF THE DAC FOR ZERO SUPPRESSION FUNCTION.
Figure 6. Suppressing a Large Common-Mode or Offset Voltage in Order to Measure a Small Differential Signal
(VS =
±15 V)
The AD621, as well as many other monolithic instrumentation
amplifiers, is based on the “three op amp” in amp circuit (Fig-
ure 7) amplifier. Since the input amplifiers (A1 and A2) have a
common-mode gain of unity and a differential gain equal to the
set gain of the overall in amp, the voltages V1 and V2 are defined
by the equations
V1 = VCM + G
× V
DIFF/2
V2 = VCM – G
× V
DIFF/2
The common-mode voltage will drive the outputs of amplifiers
A1 and A2 to the differential-signal voltage, multiplied by the
gain, spreads them apart. For a 10 V common-mode 0.1 V
differential input, V1 would be at 10.5 V and V2 at 9.5 V.
A1
A3
–
+
10k
10k
10k
10k
A2
–
+
20k
20k
+
–
V1
V2
INPUT AMPLIFIER
DIFFERENTIAL GAIN = 10
COMMON MODE GAIN = 1
OUTPUT AMPLIFIER
DIFFERENTIAL GAIN = 1
COMMON MODE GAIN = 1/1000
4.44k
Figure 7. Typical Three Op Amp Instrumentation
Amplifier, Differential Gain = 10
The AD621’s input amplifiers can provide output voltage within
2.5 V of the supplies. To avoid saturation of the input amplifier
the input voltage must therefore obey the equations:
VCM + G
× V
DIFF/2
≤ (Upper Supply – 2.5 V)
VCM – G
× V
DIFF/2
≥ (Lower Supply + 2.5 V)
Figure 8 shows the trade-off between common-mode and
differential-mode input for
±15 V supplies and G = 10.
By cascading with use of the optional AD621, the circuit of
Figure 6 will provide
±1 V of zero suppression at gains of 10
and 100 (at VOUT1 and VOUT2 respectively) with maximum TCs
of
±4 ppm/°C and ±8 ppm/°C, respectively. Therefore, depend-
ing on the magnitude of the differential input signal, either
VOUT1 or VOUT2 may be used as the output.
VCM – Volts
1.2
0.2
010
2
48
1.0
0.8
0.6
0.4
6
0
12
Figure 8. Trade-Off Between VCM and VDIFF Range (VS =
±15 V, G = 10), for Reference Pin at Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com