Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD883B2 Datasheet(PDF) 2 Page - Analog Devices

Part # AD883B2
Description  Low Drift, Low Power Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD883B2 Datasheet(HTML) 2 Page - Analog Devices

  AD883B2 Datasheet HTML 1Page - Analog Devices AD883B2 Datasheet HTML 2Page - Analog Devices AD883B2 Datasheet HTML 3Page - Analog Devices AD883B2 Datasheet HTML 4Page - Analog Devices AD883B2 Datasheet HTML 5Page - Analog Devices AD883B2 Datasheet HTML 6Page - Analog Devices AD883B2 Datasheet HTML 7Page - Analog Devices AD883B2 Datasheet HTML 8Page - Analog Devices AD883B2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AD621–SPECIFICATIONS
Gain = 10
AD621A
AD621B
AD621S
1
Model
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
GAIN
Gain Error
VOUT =
±10 V
0.15
0.05
0.15
%
Nonlinearity,
VOUT = –10 V to +10 V
RL = 2 k
Ω
2
10
2
10
2
10
ppm of FS
Gain vs. Temperature
–1.5
±5
–1.5
±5–1
±5
ppm/
°C
TOTAL VOLTAGE OFFSET
Offset (RTI)
VS =
±15 V
75
250
50
125
75
250
µV
Over Temperature
VS =
±5 V to ±15 V
400
215
500
µV
Average TC
VS =
±5 V to ±15 V
1.0
2.5
0.6
1.5
1.0
2.5
µV/°C
Offset Referred to the
Input vs. Supply (PSR)
2
VS =
±2.3 V to ± 18 V 95
120
100
120
95
120
dB
Total NOISE
Voltage Noise (RTI)
1 kHz
13
17
13
17
13
17
nV/
√Hz
RTI
0.1 Hz to 10 Hz
0.55
0.55
0.8
0.55
0.8
µV p-p
Current Noise
f = 1 kHz
100
100
100
fA/
√Hz
0.1 Hz–10 Hz
10
10
10
pA p-p
INPUT CURRENT
VS =
±15 V
Input Bias Current
0.5
2.0
0.5
1.0
0.5
2
nA
Over Temperature
2.5
1.5
4
nA
Average TC
3.0
3.0
8.0
pA/
°C
Input Offset Current
0.3
1.0
0.3
0.5
0.3
1.0
nA
Over Temperature
1.5
0.75
2.0
nA
Average TC
1.5
1.5
8.0
pA/
°C
INPUT
Input Impedance
Differential
10 210 210 2G
Ω pF
Common-Mode
10 210 210 2G
Ω pF
Input Voltage Range
3
VS =
±2.3 V to ± 5 V
–VS + 1.9
+VS – 1.2 –VS + 1.9
+VS – 1.2
–VS + 1.9
+VS – 1.2
V
Over Temperature
–VS + 2.1
+VS – 1.3 –VS + 2.1
+VS – 1.3
–VS + 2.1
+VS – 1.3
V
VS =
±5 V to ±18 V
–VS + 1.9
+VS – 1.4 –VS + 1.9
+VS – 1.4
–VS + 1.9
+VS – 1.4
V
Over Temperature
–VS + 2.1
+VS – 1.4 –VS + 2.1
+VS – 1.4
–VS + 2.3
+VS – 1.4
V
Common-Mode Rejection
Ratio DC to 60 Hz with
1 k
Ω Source Imbalance
VCM = 0 V to
± 10 V
93
110
100
110
93
110
dB
OUTPUT
Output Swing
RL = 10 k
Ω,
VS =
±2.3 V to ± 5 V
–VS + 1.1
+VS – 1.2 –VS + 1.1
+VS – 1.2
–VS + 1.1
+VS – 1.2
V
Over Temperature
–VS + 1.4
+VS – 1.3 –VS + 1.4
+VS – 1.3
–VS + 1.6
+VS – 1.3
V
VS =
±5 V to ±18 V
–VS + 1.2
+VS – 1.4 –VS + 1.2
+VS – 1.4
–VS + 1.2
+VS – 1.4
V
Over Temperature
–VS + 1.6
+VS – 1.5 –VS + 1.6
+VS – 1.5
–VS + 2.3
+VS – 1.5
V
Short Current Circuit
±18
±18
±18
mA
DYNAMIC RESPONSE
Small Signal,
–3 dB Bandwidth
800
800
800
kHz
Slew Rate
0.75
1.2
0.75
1.2
0.75
1.2
V/
µs
Settling Time to 0.01%
10 V Step
12
12
12
µs
REFERENCE INPUT
RIN
20
20
20
k
Ω
IIN
VIN +, VREF = 0
50
60
50
60
+50
+60
µA
Voltage Range
–VS + 1.6
+VS – 1.6 –VS + 1.6
+VS – 1.6
VS + 1.6
+VS – 1.6
V
Gain to Output
1
± 0.0001
1
± 0.0001
1
± 0.0001
POWER SUPPLY
Operating Range
±2.3
±18
±2.3
±18
±2.3
±18
V
Quiescent Current
VS =
±2.3 V to ±18 V
0.9
1.3
0.9
1.3
0.9
1.3
mA
Over Temperature
1.1
1.6
1.1
1.6
1.1
1.6
mA
TEMPERATURE RANGE
For Specified Performance
–40 to +85
–40 to +85
–55 to +125
°C
NOTES
1See Analog Devices’ military data sheet for 883B tested specifications.
2This is defined as the supply range over which PSRR is defined.
3Input Voltage Range = CMV + (Gain
× V
DIFF).
Specifications subject to change without notice.
(Typical @ 25 C, VS =
15 V, and RL = 2 k , unless otherwise noted.)
REV. B
–2–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com