Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR4301 Datasheet(PDF) 1 Page - International Rectifier

Part # IR4301
Description  Integrated analog input Class D audio amplifier in a small 5 x 6 mm PQFN package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR4301 Datasheet(HTML) 1 Page - International Rectifier

  IR4301 Datasheet HTML 1Page - International Rectifier IR4301 Datasheet HTML 2Page - International Rectifier IR4301 Datasheet HTML 3Page - International Rectifier IR4301 Datasheet HTML 4Page - International Rectifier IR4301 Datasheet HTML 5Page - International Rectifier IR4301 Datasheet HTML 6Page - International Rectifier IR4301 Datasheet HTML 7Page - International Rectifier IR4301 Datasheet HTML 8Page - International Rectifier IR4301 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
IR4301, IR4311
1
www.irf.com
© 2012 International Rectifier
December 5, 2012
Features
Integrated analog input Class D audio amplifier
in a small 5 x 6 mm PQFN package
High peak music power output
No mechanical heatsink required
Split or single power supply
Differential or single-ended input
Over-current, over-temperature and under
voltage protections with self-reset function
Start and stop click noise reduction
High noise immunity
RoHS compliant
Typical Applications
Home theatre systems
Docking station audio systems
PC audio systems
Musical instruments
Karaoke amplifiers
Game consoles
Powered speaker systems
General purpose audio power amplifiers
Product Summary
Topology
Half-Bridge,
Full-Bridge
*IR4301 Output power
(Typical, THD+N=10%)
160 W/ 4
Ω
120 W/ 3
Ω
*IR4311 Output power
(Typical, THD+N=10%)
35 W/ 4
Ω
45 W/ 3
Ω
*Residual noise
(AES-17, IHF-A, typical)
250 μVrms
*THD+N
(1kHz, 1W, 4 Ω, typical)
0.02 %
* In typical application example
Package
5x6mm PQFN22
Typical Connection
-B
+B
Speaker
VB
VAA
VSS
IN+
IN-
COMP
CSD
COM
VN
VS
VP
VCC
CSH
GND
VCC
INPUT


Similar Part No. - IR4301

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR4301 IRF-IR4301 Datasheet
1Mb / 15P
High peak music power output
IR4301M IRF-IR4301M Datasheet
1Mb / 15P
Integrated analog input Class D audio amplifier in a small 5 x 6 mm PQFN package
logo
Infineon Technologies A...
IR4301M INFINEON-IR4301M Datasheet
1Mb / 15P
Integrated analog input Class D audio amplifier
April 22, 2013
IR4301M INFINEON-IR4301M Datasheet
4Mb / 64P
2x200W Class D Amplifier, with Analog Inputs and Integrated 49.2mΩ RDS(ON) Output Stage
2023-11-21,Rev.2.1
logo
International Rectifier
IR4301MTRPBF IRF-IR4301MTRPBF Datasheet
1Mb / 15P
Integrated analog input Class D audio amplifier in a small 5 x 6 mm PQFN package
More results

Similar Description - IR4301

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NJU8753 ETC1-NJU8753 Datasheet
104Kb / 7P
Analog Signal Input Class D Amplifier
logo
STMicroelectronics
TDA7491LP STMICROELECTRONICS-TDA7491LP Datasheet
1Mb / 37P
2 x 5-watt dual BTL class-D audio amplifier
23-Mar-2011
logo
International Rectifier
IR43X2 IRF-IR43X2 Datasheet
568Kb / 17P
channel integrated analog input Class D audio amplifier in a small 7 x 7 mm PQFN44 package
logo
STMicroelectronics
TDA7491LP13TR STMICROELECTRONICS-TDA7491LP13TR Datasheet
1Mb / 37P
2 x 5-watt dual BTL class-D audio amplifier
23-Mar-2011
logo
International Rectifier
IR4301M IRF-IR4301M Datasheet
1Mb / 15P
Integrated analog input Class D audio amplifier in a small 5 x 6 mm PQFN package
IR4302M IRF-IR4302M_13 Datasheet
604Kb / 17P
2 channel integrated analog input Class D audio amplifier in a small 7 x 7 mm PQFN44 package
IRS2052MTRPBF IRF-IRS2052MTRPBF Datasheet
435Kb / 23P
2 channel integrated analog input Class D audio amplifier driver
logo
Rohm
BD5469GUL ROHM-BD5469GUL Datasheet
1Mb / 26P
Analog Input Monaural Class-D Speaker Amplifier
logo
Texas Instruments
TLV759P TI1-TLV759P Datasheet
749Kb / 16P
1-A LDO in a Small 2-mm x 2-mm WSON Package
logo
Infineon Technologies A...
IR4301M INFINEON-IR4301M Datasheet
1Mb / 15P
Integrated analog input Class D audio amplifier
April 22, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com