Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR4301 Datasheet(PDF) 14 Page - International Rectifier

Part # IR4301
Description  Integrated analog input Class D audio amplifier in a small 5 x 6 mm PQFN package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR4301 Datasheet(HTML) 14 Page - International Rectifier

Back Button IR4301 Datasheet HTML 6Page - International Rectifier IR4301 Datasheet HTML 7Page - International Rectifier IR4301 Datasheet HTML 8Page - International Rectifier IR4301 Datasheet HTML 9Page - International Rectifier IR4301 Datasheet HTML 10Page - International Rectifier IR4301 Datasheet HTML 11Page - International Rectifier IR4301 Datasheet HTML 12Page - International Rectifier IR4301 Datasheet HTML 13Page - International Rectifier IR4301 Datasheet HTML 14Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
IR4301,IR4311
14
www.irf.com
© 2012 International Rectifier
December 5, 2012
Board Mounting Information
Refer to Application Note AN-1170 Audio Power Quad Flat No-Lead (PQFN) Board Mounting Application Note.
Part Marking Information
Ordering Information
Base Part Number
Package Type
Standard Pack
Complete Part Number
Form
Quantity
IR4301M
PQFN22 5x6mm Tape and Reel
4000
IR4301MTRPBF
IR4311M
PQFN22 5x6mm Tape and Reel
4000
IR4311MTRPBF
The information provided in this document is believed to be accurate and reliable. However, International Rectifier assumes no
responsibility for the consequences of the use of this information. International Rectifier assumes no responsibility for any
infringement of patents or of other rights of third parties which may result from the use of this information. No license is granted by
implication or otherwise under any patent or patent rights of International Rectifier. The specifications mentioned in this document
are subject to change without notice. This document supersedes and replaces all information previously supplied.
For technical support, please contact IR’s Technical Assistance Center
http://www.irf.com/technical-info/
WORLD HEADQUARTERS:
101 N. Sepulveda Blvd., El Segundo, California 90245
Tel: (310) 252-7105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com