Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD627 Datasheet(PDF) 13 Page - Analog Devices

Part # AD627
Description  Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD627 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD627 Datasheet HTML 8Page - Analog Devices AD627 Datasheet HTML 9Page - Analog Devices AD627 Datasheet HTML 10Page - Analog Devices AD627 Datasheet HTML 11Page - Analog Devices AD627 Datasheet HTML 12Page - Analog Devices AD627 Datasheet HTML 13Page - Analog Devices AD627 Datasheet HTML 14Page - Analog Devices AD627 Datasheet HTML 15Page - Analog Devices AD627 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD627
–13–
REV. A
had a mismatch of almost exactly 0.1% (R1 = 9999.5
Ω, R2 =
999.76
Ω, R3 = 1000.2 Ω, R4 = 9997.7 Ω). As expected the
CMRR at dc was measured at about 84 dB (calculated value
is 85 dB). However, as the frequency increases, the CMRR
quickly degrades. For example, a 200 mV peak-peak harmonic
of the mains frequency at 180 Hz would result in an output
voltage of about 800
µV. To put this in context, a 12-bit data
acquisition system with an input range of 0 V to 2.5 V, has an
LSB weighting of 610
µV.
By contrast, the AD627 uses precision laser trimming of internal
resistors along with patented CMR trimming to yield a higher
dc CMRR and a wider bandwidth over which the CMRR is flat
(see Figure 20).
AD296
1/2
R2
999.76
R1
9999.5
R3
1000.2
R4
9997.7
VOUT
+5V
VIN+
VIN–
–5V
A1
A2
AD296
1/2
Figure 39. 0.1% Resistor Mismatch Example
+5V
40.2k
1%
+10ppm/ C
AD627A
2.5V
VOUT
350
350
350
350
100mV
+5V
AD627A GAIN = 9.98
(5+(200k /RG))
1/2
350 *
3.15k *
350 *
2.5V
3.15k *
VOUT
+5V
1/2
"HOMEBREW" IN AMP, G = 10
*1% REGISTER MATCH, 50ppm/ C TRACKING
LT1078IS8
LT1078IS8
RG
Figure 38. Make vs. Buy
FREQUENCY – Hz
120
1
110
100
90
80
70
60
50
40
30
20
10
100
1k
10k
100k
Figure 40. CMRR Over Frequency of Discrete In Amp in
Figure 39
Ground Returns for Input Bias Currents
Input bias currents are those dc currents that must flow in
order to bias the input transistors of an amplifier. These are
usually transistor base currents. When amplifying “floating”
input sources such as transformers, or ac-coupled sources,
there must be a direct dc path into each input in order that the
bias current can flow. Figure 41 shows how a bias current
path can be provided for the case of transformer coupling,
capacitive ac-coupling and for a thermocouple application.
Table IV. Make vs. Buy Error Budget
“Homebrew”
Total Error
Total Error
Error Source
AD627 Circuit Calculation
Circuit Calculation
AD627-ppm
Homebrew–ppm
ABSOLUTE ACCURACY at TA = +25°C
Total RTI Offset Voltage, mV
(250
µV + (1000 µV/10))/100 mV
(180
µV × 2)/100 mV
3500
3600
Input Offset Current, nA
1 nA
× 350 Ω/100 mV
20 nA
× 350 Ω/100 mV
3.5
70
Internal Offset Current (Homebrew Only)
Not Applicable
0.7 nA
× 350 Ω/100 mV
2.45
CMRR, dB
77 dB¡141 ppm
× 2.5 V/100 mV
(1% Match
× 2.5 V)/10/100 mV
3531
25000
Gain
0.35% + 0.1%
1% Match
13500
10000
Total Absolute Error
20535
38672
DRIFT TO +85
°C
Gain Drift, ppm/
°C
(–75 + 10) ppm/
°C × 60°C
50 ppm/
°C × 60°C
3900
3000
Total RTI Offset Voltage, mV/
°C
(3.0
µV/°C + (10 µV/°C/10))
(2
× 3.5 µV/°C × 60°C)/100 mV
× 60°C/100 mV
2600
4200
Input Offset Current, pA/
°C
(16 pA/
°C × 350 Ω × 60°C)/100 mV (33 pA/°C × 350 Ω × 60°C)/100 mV
3.5
7
Total Drift Error
6504
7207
Grand Total Error
27039
45879



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com