Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD627 Datasheet(PDF) 14 Page - Analog Devices

Part # AD627
Description  Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD627 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD627 Datasheet HTML 8Page - Analog Devices AD627 Datasheet HTML 9Page - Analog Devices AD627 Datasheet HTML 10Page - Analog Devices AD627 Datasheet HTML 11Page - Analog Devices AD627 Datasheet HTML 12Page - Analog Devices AD627 Datasheet HTML 13Page - Analog Devices AD627 Datasheet HTML 14Page - Analog Devices AD627 Datasheet HTML 15Page - Analog Devices AD627 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD627
–14–
REV. A
In dc-coupled resistive bridge applications, providing this path
is generally not necessary as the bias current simply flows from
the bridge supply, through the bridge and into the amplifier.
However, if the impedance that the two inputs see are large, and
differ by a large amount (>10 k
Ω), the offset current of the
input stage will cause dc errors compatible with the input offset
voltage of the amplifier.
LOAD
TO POWER
SUPPLY
GROUND
RG
–INPUT
+INPUT
AD627
VOUT
+VS
REFERENCE
–VS
Figure 41a. Ground Returns for Bias Currents with Trans-
former Coupled Inputs
LOAD
TO POWER
SUPPLY
GROUND
RG
–INPUT
+INPUT
AD627
VOUT
+VS
REFERENCE
–VS
Figure 41b. Ground Returns for Bias Currents with Ther-
mocouple Inputs
LOAD
TO POWER
SUPPLY
GROUND
RG
–INPUT
+INPUT
AD627
VOUT
+VS
REFERENCE
–VS
100k
100k
Figure 41c. Ground Returns for Bias Currents with AC
Coupled Inputs
Layout and Grounding
The use of ground planes is recommended to minimize the
impedance of ground returns (and hence the size of dc errors).
In order to isolate low level analog signals from a noisy digital
environment, many data-acquisition components have separate
analog and digital ground returns (Figure 42). All ground pins
from mixed signal components such as analog-to-digital converters
should be returned through the “high quality” analog ground
plane. Digital ground lines of mixed signal components should
also be returned through the analog ground plane. This may
seem to break the rule of keeping analog and digital grounds
separate. However, in general, there is also a requirement to
keep the voltage difference between digital and analog grounds
on a converter as small as possible (typically <0.3 V). The
increased noise, caused by the converter’s digital return currents
flowing through the analog ground plane, will generally be negli-
gible. Maximum isolation between analog and digital is achieved
by connecting the ground planes back at the supplies.
If there is only a single power supply available, it must be shared
by both digital and analog circuitry. Figure 43 shows the how to
minimize interference between the digital and analog circuitry.
As in the previous case, separate analog and digital ground
planes should be used (reasonably thick traces can be used as an
alternative to a digital ground plane). These ground planes
should be connected at the power supply’s ground pin. Separate
traces (or power planes) should be run from the power supply to
the supply pins of the digital and analog circuits. Ideally each
device should have its own power supply trace, but these can be
shared by a number of devices as long as a single trace is not
used to route current to both digital and analog circuitry.
INPUT PROTECTION
As shown in the simplified schematic (Figure 32), both the
inverting and noninverting inputs are clamped to the positive
and negative supplies by ESD diodes. In addition to this a 2 k
Ω
series resistor on each input provides current limiting in the
event of an overvoltage. These ESD diodes can tolerate a maxi-
mum continuous current of 10 mA. So an overvoltage, (that is
the amount by which input voltage exceeds the supply voltage),
of
±20 V can be tolerated. This is true for all gains, and for
power on and off. This last case is particularly important since
the signal source and amplifier may be powered separately.
If the overvoltage is expected to exceed 20 V, additional external
series resistors current limiting resistors should be used to keep
the diode current to below 10 mA.
DIGITAL POWER SUPPLY
0.1 F
VIN1
VIN2
VDD
AGND DGND
AD7892-2
ADC
12
AGND
VDD
PROCESSOR
0.1 F
0.1 F
0.1 F
AD627
ANALOG POWER SUPPLY
+5V
–5V
GND
GND
+5V
Figure 42. Optimal Grounding Practice for a Bipolar Supply Environment with Separate Analog and Digital Supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com