Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD883B Datasheet(PDF) 1 Page - Analog Devices

Part # AD883B
Description  Precision Instrumentation Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD883B Datasheet(HTML) 1 Page - Analog Devices

  AD883B Datasheet HTML 1Page - Analog Devices AD883B Datasheet HTML 2Page - Analog Devices AD883B Datasheet HTML 3Page - Analog Devices AD883B Datasheet HTML 4Page - Analog Devices AD883B Datasheet HTML 5Page - Analog Devices AD883B Datasheet HTML 6Page - Analog Devices AD883B Datasheet HTML 7Page - Analog Devices AD883B Datasheet HTML 8Page - Analog Devices AD883B Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD624
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
Precision
Instrumentation Amplifier
PRODUCT DESCRIPTION
The AD624 is a high precision, low noise, instrumentation
amplifier designed primarily for use with low level transducers,
including load cells, strain gauges and pressure transducers. An
outstanding combination of low noise, high gain accuracy, low
gain temperature coefficient and high linearity make the AD624
ideal for use in high resolution data acquisition systems.
The AD624C has an input offset voltage drift of less than
0.25
µV/°C, output offset voltage drift of less than 10 µV/°C,
CMRR above 80 dB at unity gain (130 dB at G = 500) and a
maximum nonlinearity of 0.001% at G = 1. In addition to these
outstanding dc specifications, the AD624 exhibits superior ac
performance as well. A 25 MHz gain bandwidth product, 5 V/
µs
slew rate and 15
µs settling time permit the use of the AD624 in
high speed data acquisition applications.
The AD624 does not need any external components for pre-
trimmed gains of 1, 100, 200, 500 and 1000. Additional gains
such as 250 and 333 can be programmed within one percent
accuracy with external jumpers. A single external resistor can
also be used to set the 624’s gain to any value in the range of 1
to 10,000.
PRODUCT HIGHLIGHTS
1. The AD624 offers outstanding noise performance. Input
noise is typically less than 4 nV/
√Hz at 1 kHz.
2. The AD624 is a functionally complete instrumentation am-
plifier. Pin programmable gains of 1, 100, 200, 500 and 1000
are provided on the chip. Other gains are achieved through
the use of a single external resistor.
3. The offset voltage, offset voltage drift, gain accuracy and gain
temperature coefficients are guaranteed for all pretrimmed
gains.
4. The AD624 provides totally independent input and output
offset nulling terminals for high precision applications.
This minimizes the effect of offset voltage in gain ranging
applications.
5. A sense terminal is provided to enable the user to minimize
the errors induced through long leads. A reference terminal is
also provided to permit level shifting at the output.
FEATURES
Low Noise: 0.2
V p-p 0.1 Hz to 10 Hz
Low Gain TC: 5 ppm max (G = 1)
Low Nonlinearity: 0.001% max (G = 1 to 200)
High CMRR: 130 dB min (G = 500 to 1000)
Low Input Offset Voltage: 25
V, max
Low Input Offset Voltage Drift: 0.25
V/ C max
Gain Bandwidth Product: 25 MHz
Pin Programmable Gains of 1, 100, 200, 500, 1000
No External Components Required
Internally Compensated
FUNCTIONAL BLOCK DIAGRAM
225.3
124
4445.7
80.2
50
VB
50
20k
10k
10k
10k
AD624
–INPUT
G = 100
G = 200
G = 500
RG1
RG2
+INPUT
SENSE
OUTPUT
REF
20k
10k


Similar Part No. - AD883B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD883B AD-AD883B Datasheet
464Kb / 14P
Software Programmable Gain Amplifier
AD883B AD-AD883B Datasheet
136Kb / 7P
Internally Trimmed Integrated Circuit Multiplier
AD883B AD-AD883B Datasheet
159Kb / 12P
Internally Trimmed Precision IC Multiplier
AD883B AD-AD883B Datasheet
151Kb / 8P
Integrated Circuit True RMS-to-DC Converter
AD883B AD-AD883B Datasheet
167Kb / 11P
Real-Time Analog Computational Unit ACU
More results

Similar Description - AD883B

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
Precision INSTRUMENTATION AMPLIFIER
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD524SE AD-AD524SE Datasheet
614Kb / 28P
Precision Instrumentation Amplifier
Rev. F
AD624ADZ AD-AD624ADZ Datasheet
574Kb / 17P
Precision Instrumentation Amplifier
REV. C
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD8221 AD-AD8221_15 Datasheet
512Kb / 24P
Precision Instrumentation Amplifier
REV. C
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD524 AD-AD524_16 Datasheet
519Kb / 29P
Precision Instrumentation Amplifier
Rev. F
AD624 AD-AD624_16 Datasheet
468Kb / 17P
Precision Instrumentation Amplifier
REV. C
AD8221 AD-AD8221_16 Datasheet
668Kb / 25P
Precision Instrumentation Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com