Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD883B Datasheet(PDF) 3 Page - Analog Devices

Part # AD883B
Description  Precision Instrumentation Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD883B Datasheet(HTML) 3 Page - Analog Devices

  AD883B Datasheet HTML 1Page - Analog Devices AD883B Datasheet HTML 2Page - Analog Devices AD883B Datasheet HTML 3Page - Analog Devices AD883B Datasheet HTML 4Page - Analog Devices AD883B Datasheet HTML 5Page - Analog Devices AD883B Datasheet HTML 6Page - Analog Devices AD883B Datasheet HTML 7Page - Analog Devices AD883B Datasheet HTML 8Page - Analog Devices AD883B Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
REV. C
–3–
AD624
Model
AD624A
AD624B
AD624C
AD624S
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
REFERENCE INPUT
RIN
16
20
24
16
20
24
16
20
24
16
20
24
k
Ω
IIN
30
30
30
30
µA
Voltage Range
±10
±10
±10
±10
V
Gain to Output
1
1
1
1
%
TEMPERATURE RANGE
Specified Performance
–25
+85
–25
+85
–25
+85
–55
+125
°C
Storage
–65
+150
–65
+150
–65
+150
–65
+150
°C
POWER SUPPLY
Power Supply Range
6
15
18
6
15
18
6
15
18
6
15
18
V
Quiescent Current
3.5
5
3.5
5
3.5
5
3.5
5
mA
NOTES
1V
DL is the maximum differential input voltage at G = 1 for specified nonlinearity, V DL at other gains = 10 V/G. VD = actual differential input voltage.
1Example: G = 10, V
D = 0.50. VCM = 12 V – (10/2 × 0.50 V) = 9.5 V.
Specifications subject to change without notice.
Specifications shown in boldface are tested on all production unit at final electrical test. Results from those tests are used to calculate outgoing quality levels. All min
and max specifications are guaranteed, although only those shown in boldface are tested on all production units.
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Internal Power Dissipation . . . . . . . . . . . . . . . . . . . . . 420 mW
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±V
S
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . .
±V
S
Output Short Circuit Duration . . . . . . . . . . . . . . . . Indefinite
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature Range
AD624A/B/C . . . . . . . . . . . . . . . . . . . . . . . –25
°C to +85°C
AD624S . . . . . . . . . . . . . . . . . . . . . . . . . . . –55
°C to +125°C
Lead Temperature (Soldering, 60 secs) . . . . . . . . . . . . +300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
CONNECTION DIAGRAM
–INPUT
+INPUT
RG1
OUTPUT NULL
INPUT NULL
REF
–VS
G = 200
G = 500
SENSE
RG2
INPUT NULL
OUTPUT NULL
G = 100
+VS
OUTPUT
1
2
5
6
7
3
4
8
16
15
12
11
10
14
13
9
TOP VIEW
(Not to Scale)
AD624
SHORT TO
RG2 FOR
DESIRED
GAIN
FOR GAINS OF 1000 SHORT RG1 TO PIN 12
AND PINS 11 AND 13 TO RG2
METALIZATION PHOTOGRAPH
Contact factory for latest dimensions
Dimensions shown in inches and (mm).
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD624AD
–25
°C to +85°C 16-Lead Ceramic DIP D-16
AD624BD
–25
°C to +85°C 16-Lead Ceramic DIP D-16
AD624CD
–25
°C to +85°C 16-Lead Ceramic DIP D-16
AD624SD
–55
°C to +125°C 16-Lead Ceramic DIP D-16
AD624SD/883B* –55
°C to +125°C 16-Lead Ceramic DIP D-16
AD624AChips
–25
°C to +85°CDie
AD624SChips
–25
°C to +85°CDie
*See Analog Devices’ military data sheet for 883B specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com