Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6426XST Datasheet(PDF) 39 Page - Analog Devices

Part # AD6426XST
Description  Enhanced GSM Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6426XST Datasheet(HTML) 39 Page - Analog Devices

Back Button AD6426XST Datasheet HTML 35Page - Analog Devices AD6426XST Datasheet HTML 36Page - Analog Devices AD6426XST Datasheet HTML 37Page - Analog Devices AD6426XST Datasheet HTML 38Page - Analog Devices AD6426XST Datasheet HTML 39Page - Analog Devices AD6426XST Datasheet HTML 40Page - Analog Devices AD6426XST Datasheet HTML 41Page - Analog Devices AD6426XST Datasheet HTML 42Page - Analog Devices AD6426XST Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
Preliminary Technical Information
AD6426
This Information applies to a product under development. Its characteristics and specifications are subject to change without notice. Analog Devices assumes no
obligation regarding future manufacture unless otherwise agreed to in writing. No responsibility is assumed by Analog Devices for its use; nor for any
infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent
rights of Analog Devices.
Revision Preliminary 2.3 (June 9, ´98)
- 39 -
Confidential Information
TIMING CHARACTERISTICS
EVBC Interface ASPORT
Parameter
Comment (see Figure 19)
Min
Typ
Max
Units
t70
ASCLK period
384
ns
t71
ASOFS setup time before ASCLK high
20
ns
t72
ASOFS hold time after ASCLK high
20
ns
t73
ASDI setup time before clock low
20
ns
t74
ASDI hold time after clock low
20
ns
t75
ASDO delay after clock high
0
20
ns
ASCLK (O)
ASDI (i)
ASDO (O)
t70
D9
D8
D7
A2
A1
A0
ASOFS (O)
t
71
t
72
t
74
t73
t
75
D9
D8
D7
A2
A1
A0
Figure 19. EVBC Interface ASPORT Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com