Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6426XST Datasheet(PDF) 27 Page - Analog Devices

Part # AD6426XST
Description  Enhanced GSM Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6426XST Datasheet(HTML) 27 Page - Analog Devices

Back Button AD6426XST Datasheet HTML 23Page - Analog Devices AD6426XST Datasheet HTML 24Page - Analog Devices AD6426XST Datasheet HTML 25Page - Analog Devices AD6426XST Datasheet HTML 26Page - Analog Devices AD6426XST Datasheet HTML 27Page - Analog Devices AD6426XST Datasheet HTML 28Page - Analog Devices AD6426XST Datasheet HTML 29Page - Analog Devices AD6426XST Datasheet HTML 30Page - Analog Devices AD6426XST Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
Preliminary Technical Information
AD6426
This Information applies to a product under development. Its characteristics and specifications are subject to change without notice. Analog Devices assumes no
obligation regarding future manufacture unless otherwise agreed to in writing. No responsibility is assumed by Analog Devices for its use; nor for any
infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent
rights of Analog Devices.
Revision Preliminary 2.3 (June 9, ´98)
- 27 -
Confidential Information
TEST INTERFACE
The AD6426 provides a complete JTAG test interface. The
functionality of these pins are shown in Table 20.
Furthermore, these pins can assume a different functionality
described in detail in the chapter MODES OF OPERATION.
Table 20. Test Interface
Name
I/O
Function
JTAGEN
I
JTAG enable (internal pull
down resistor)
TCK
I
JTAG test clock input
TMS
I
JTAG test mode select
TDI
I
JTAG test data input
TDO
O
JTAG test data output
JTAG Port
The AD6426 provides full IEEE 1149.1 compliance. The
JTAG Port must be run at a frequency of 5 MHz or less.
The JTAG Port is explicitly enabled through JTAGEN. When
disabled, the corresponding pins are re-used for the AD6426
Feature Modes. The JTAG interface implements four registers
shown in Figure 10. The content of the Instruction register
selects one of these four registers.
3
161
2
3
163
1
162
2
1
T D O
1
4
Boundary Register
Bypass Register
Instruction Register
T D I
Bist Register
1
2
3
4
5
6
7
8
Figure 10. JTAG Registers
The instruction register contains 4 bits, and supports the
instructions listed in Table 21.
Instruction register values 01XX all select the bypass register
when JTAG compliance is enabled. Values 00XX control the
AD6426 I/O as defined in Mode A, and therefore should not
be used in any other mode.
Table 21. JTAG Instructions
Instr.
Register
4 3 2 1
Code
Comments
0 0 0 0
ExTest
Public Instruction
0 0 0 1
Clamp
Optional Public Instruction
0 0 1 0
Sample/PreLoad
Public Instruction
0 0 1 1
DoBist
Private Instruction
Engineering Mode Test
0 1 0 0 -
0 1 0 1
Reserved
0 1 1 0
Mode D
Private Instruction
H8 Emulation
0 1 1 1
Reserved
1 0 0 0 -
1 1 1 0
Bypass
Public Instruction
Selects Mode A
1 1 1 1
Bypass
Public Instruction
Selects Mode A (default)
ExTest Instruction
The ExTest instruction is used to force input or output
conditions on the boundary scan cell.
Clamp Instruction
This optional public instruction is similar to the Bypass
instruction, except that once loaded, it will force the values
held in the boundary scan chain onto the corresponding
outputs of the device. This enables all output and bi-
directional pads to be fixed, allowing other parts on the PC-
board to be tested without interference from the AD6426,
while at the same time selecting the Bypass register for the
shortest possible scan path.
All input activity to the AD6426 will be ignored during this
time, since all inputs are driven from the preloaded values in
the boundary scan chain. Typically therefore this instruction
would be preceded by the Sample/Preload instruction. This
instruction is only valid during the normal operation of the
AD6426; i.e. in Mode A.
Sample/Preload Instruction
The Sample/Preload instruction is fully IEEE compliant.
Boundary Register
The boundary cell structure is based on the I/O definition in
Mode A, and hence pins which are outputs only in this mode,
but become inputs in another mode, do not support input scan
cells, and vice versa. Table 22 shows the complete Boundary
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com