Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD642K Datasheet(PDF) 1 Page - Analog Devices

Part # AD642K
Description  Precision, Low Cost Dual BiFET Op Amp
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD642K Datasheet(HTML) 1 Page - Analog Devices

  AD642K Datasheet HTML 1Page - Analog Devices AD642K Datasheet HTML 2Page - Analog Devices AD642K Datasheet HTML 3Page - Analog Devices AD642K Datasheet HTML 4Page - Analog Devices AD642K Datasheet HTML 5Page - Analog Devices AD642K Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
PIN CONFIGURATION
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Precision, Low Cost
Dual BiFET Op Amp
AD642
PRODUCT DESCRIPTION
The AD642 is a pair of matched high speed monolithic BiFET
operational amplifier fabricated with the most advanced bipolar,
JFET and laser trimming technologies. The AD642 offers
matched bias currents that are significantly lower than currently
available monolithic dual FET input operational amplifiers:
35 pA max matched to 25 pA for the AD642K and L; 75 pA
max, matched to 35 pA for the AD642J and S. In addition, the
offset voltage is laser trimmed to less than 0.5 mV and matched
to 0.25 mV for the AD642L, 1.0 mV and matched to 0.5 mV for
the AD642K, utilizing Analog’s laser-wafer trimming (LWT)
process.
The tight matching and temperature tracking between the
operational amplifiers is achieved by ion-implanted JFETs and
laser-wafer trimming. Ion-implantation permits the fabrication of
precision, matched JFETs on a monolithic bipolar chip. The
optimizes the process to product matched bias currents which
have lower initial bias currents than other popular BiFET op
amps. Laser-wafer trimming each amplifier’s input offset voltage
assures tight initial match and combined with superior IC
processing guarantees offset voltage tracking over the tempera-
ture range.
The AD642 is recommended for applications in which excellent
ac and dc performance is required. The matched amplifiers
provide a low-cost solution for true instrumentation amplifiers,
log ratio amplifiers, and output amplifiers for four quadrant
multiplying D/A converters such as the AD7541.
The AD642 is available in four versions: the ‘‘J’’, ‘‘K’’ and ‘‘L,’’
all specified over the 0
°C to +70°C temperature range and one
version, ‘‘S,’’ over the –55
°C to +125°C extended operating
temperature range. All devices are packaged in the hermetically-
sealed, TO-99 metal can or available in chip form.
PRODUCT HIGHLIGHTS
1. The AD642 has tight matching specifications to ensure high
performance, eliminating the need to match individual
devices.
2. Analog Devices, unlike some manufacturers, specifies each
device for the maximum bias current at either input in the
warmed-up condition, thus assuring the user that the AD642
will meet its published specifications in actual use.
3. Laser-wafer-trimming reduces offset voltage to as low as
0.5 mV max and matched side to side to 0.25 mV
(AD642L), thus eliminating the need for external nulling.
4. Low voltage noise (2
µV, p-p), and high open loop gain
enhance the AD642’s performance as a precision op amp.
5. The standard dual amplifier pin out allows the AD642 to
replace lower performance duals without redesign.
6. The AD642 is available in chip form.
FEATURES
Matched Offset Voltage
Matched Offset Voltage Over Temperature
Matched Bias Current
Crosstalk: –124 dB @ 1 kHz
Low Bias Current: 35 pA max Warmed Up
Low Offset Voltage: 500
V max
Low Input Voltage Noise: 2
V p-p
High Open Loop Gain
Low Quiescent Current: 2.8 mA max
Low Total Harmonic Distortion
Standard Dual Amplifier Pin Out
Available in Hermetic Metal Can Package and Chip Form
MIL-STD-883B Processing Available
Single Version Available: AD542


Similar Part No. - AD642K

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6421AST AD-AD6421AST Datasheet
66Kb / 8P
GSM/DCS1800/PCS1900 Baseband Processing Chipset
AD6422AST AD-AD6422AST Datasheet
66Kb / 8P
GSM/DCS1800/PCS1900 Baseband Processing Chipset
AD6423 AD-AD6423 Datasheet
66Kb / 8P
GSM/DCS1800/PCS1900 Baseband Processing Chipset
AD6426 AD-AD6426 Datasheet
506Kb / 50P
Enhanced GSM Processor
AD6426XB AD-AD6426XB Datasheet
506Kb / 50P
Enhanced GSM Processor
More results

Similar Description - AD642K

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD711 AD-AD711 Datasheet
523Kb / 12P
Precision, Low Cost, High Speed, BiFET Op Amp
REV.A
AD712 AD-AD712 Datasheet
635Kb / 15P
Dual Precision, Low Cost, High Speed, BiFET Op Amp
AD711 AD-AD711_02 Datasheet
592Kb / 16P
Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD712 AD-AD712_06 Datasheet
522Kb / 20P
Dual Precision, Low Cost, High Speed BiFET Op Amp
Rev. G
AD711JNZ AD-AD711JNZ Datasheet
717Kb / 16P
Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711SH AD-AD711SH Datasheet
543Kb / 16P
Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711JRZ AD-AD711JRZ Datasheet
543Kb / 16P
Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD642 AD-AD642_15 Datasheet
399Kb / 6P
Precision, Low Cost Dual BiFET Op Amp
REV. 0
AD711 AD-AD711_15 Datasheet
717Kb / 16P
Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD712 AD-AD712_15 Datasheet
387Kb / 20P
Precision, Low Cost, High Speed BiFET Dual Op Amp
Rev. H
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com