Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD642K Datasheet(PDF) 4 Page - Analog Devices

Part # AD642K
Description  Precision, Low Cost Dual BiFET Op Amp
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD642K Datasheet(HTML) 4 Page - Analog Devices

  AD642K Datasheet HTML 1Page - Analog Devices AD642K Datasheet HTML 2Page - Analog Devices AD642K Datasheet HTML 3Page - Analog Devices AD642K Datasheet HTML 4Page - Analog Devices AD642K Datasheet HTML 5Page - Analog Devices AD642K Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AD642
REV. 0
–4–
Figure 15. Output Swing and Error vs.
Output Settling Time (Circuit of
Figure 23)
Figure 13. Common-Mode Rejection
Ratio vs. Frequency
Figure 16. Total Harmonic Distortion
vs. Frequency
Figure 14. Large Signal Frequency
Response
Figure 17. Input Noise Voltage
Spectral Density
Figure 19. T. H. D. Test Circuits
Figure 20. Crosstalk Test Circuit
Figure 21a. Unity Gain Follower
Pulse Response (Large Signal)
Figure 21b. Unity Gain Follower Pulse
Response (Small Signal)
Figure 21c. Unity Gain Follower
2
µs
5V
1
µs
50mV
Figure 22a. Unity Gain Inverter
Figure 22c. Unity Gain Inverter
Pulse Response (Small Signal)
1
µs
50mV
Figure 22b. Unity Gain Inverter
Pulse Response (Large Signal)
2
µs
5V
a. Unity Gain Follower
b. Follower with Gain = 10
Figure 18. Total Noise vs. Source
Impedance



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com