Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6432 Datasheet(PDF) 2 Page - Analog Devices

Part # AD6432
Description  GSM 3 V Transceiver IF Subsystem
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6432 Datasheet(HTML) 2 Page - Analog Devices

  AD6432 Datasheet HTML 1Page - Analog Devices AD6432 Datasheet HTML 2Page - Analog Devices AD6432 Datasheet HTML 3Page - Analog Devices AD6432 Datasheet HTML 4Page - Analog Devices AD6432 Datasheet HTML 5Page - Analog Devices AD6432 Datasheet HTML 6Page - Analog Devices AD6432 Datasheet HTML 7Page - Analog Devices AD6432 Datasheet HTML 8Page - Analog Devices AD6432 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
–2–
REV. 0
AD6432–SPECIFICATIONS (T
A = +25 C, VP = 3.0 V, GREF = 1.25 V unless otherwise noted)
Parameter
Conditions
Min
Typ
Max
Units
RX RF MIXER
RF Input Frequency
350
MHz
AGC Conversion Gain Variation
ZIN = 150 Ω: 0.2 V < VGAIN < 2.4 V
–3 to +15
dB
Input 1 dB Compression Point
At VGAIN = 2.4 V, ZIN = 150
Ω
–13
dBm
Input Third-Order Intercept
At VGAIN = 0.2 V, RFIN = –25 dBm
0
dBm
SSB Noise Figure
At ZIN = 150 Ω, FRF = 246 MHz,
FLO = 272 MHz, VGAIN = 0.2 V
10
dB
RX IF AMPLIFIER
AGC Gain Variation
0.2 V < VGAIN < 2.4 V
–14 to 48
dB
Input Resistance
at VGAIN = 0.2 V
5
k
Ω
Operating Frequency Range
10
50
MHz
GAIN CONTROL
Total Gain Control Range
Mixer+IF+Demod, 0.2 V < VGAIN < 2.4 V
80
dB
Control Voltage Range at GAIN
0.2
2.4
V
Gain Scaling
27.5
mV/dB
Gain Law Conformance
±0.1
dB
Bias Current at GREF
–0.5
µA
Input Resistance at Gain
20
k
Ω
INTEGRATED IF FILTER
BPF Center Frequency
fREF = 13 MHz
IFS0 = 1
“0” = Connect to Ground, “1” = Connect to VP
13
MHz
IFS0 = 0
“0” = Connect to Ground, “1” = Connect to VP
26
MHz
BPF –3 dB BW
fREF = 13 MHz
IFS0 = 1
“0” = Connect to Ground, “1” = Connect to VP
5
MHz
IFS0 = 0
“0” = Connect to Ground, “1” = Connect to VP
10
MHz
I AND Q DEMODULATOR
Demodulation Gain
17
dB
Output Voltage Range
Differential
0.3
VPOS – 0.2
V
Output Voltage Common-Mode Level Not Power Supply Independent
1.5
V
Output Offset Voltage
Differential, VGAIN = GREF
–150
+150
mV
Error in Quadrature
Differential from I to Q, IF = 13 MHz
1
3.5
Degrees
Amplitude Match
0.25
dB
I/Q Output BW
CLOAD = 10 pF
3
MHz
Output Resistance
Each Pin
4.7
k
Ω
QUADRATURE IF PLL
Operating Frequency Range
10
50
MHz
Reference Frequency Voltage Level
200
mV p-p
Reference Frequency Range
25
MHz
Acquisition Time
Using 1 k
Ω, 1 nF Loop Filter
80
µs
TRANSMIT MODULATOR
Carrier Output Frequency
300
MHz
Output Power
RLOAD = 150
Ω, Power at Final 50 Ω,
FIF = 272 MHz
–17.5
dBm
Input 1 dB Compression Point
RLOAD = 150
Ω (Differential)
14
dBm
I/Q Input Signal Amplitude
Differential
2.056
V p-p
I/Q Input Signal Required DC Bias
1.2
V
I/Q Input BW
1
MHz
I/Q Input Resistance
100
k
Ω
I/Q Phase Balance
With LOs 2nd Harmonic 30 dBc
Bellow Fundamental
±1.5
Degrees
I/Q Amplitude Balance
With LOs 2nd Harmonic 30 dBc
Bellow Fundamental
±0.1
dB
Output Harmonic Content
RLOAD = 150
Ω
–45 (3rd)
dBc
–65 (5th)
dBc
Carrier Feedthrough
FCARRIER = 272 MHz
–33
dBc
Sideband Suppression
I and Q Inputs Driven In Quadrature
–37
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com