Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6432 Datasheet (PDF) - Analog Devices

AD6432 Datasheet PDF - Analog Devices
Part # AD6432
Download  AD6432 Download
File Size   334.23 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GSM 3 V Transceiver IF Subsystem

AD6432 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD6432 Datasheet PDF - Analog Devices

Part # AD6432
Download  AD6432 Click to download

File Size   334.23 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GSM 3 V Transceiver IF Subsystem

AD6432 Datasheet (HTML) - Analog Devices


AD6432 Product details

GENERAL DESCRIPTION
The AD6432 IF IC provides the complete transmit and receive IF signal processing, including I/Q modulation and demodulation, necessary to implement a digital wireless transceiver such as a GSM handset. The AD6432 may also be used for other wireless TDMA standards using I/Q modulation.

FEATURES
   Fully Compliant with Standard and Enhanced GSM
   Specification
      DC-350 MHz RF Bandwidths
      80 dB Gain Control Range
      I/Q Modulation and Demodulation
      Onboard Phase Locked Tunable Oscillator
      On-Chip Noise Roofing IF Filters
   Ultralow Power Design
      2.7 V–3.6 V Operating Voltage
      User-Selectable Power-Down Modes
   Small 44-Lead TQFP Package
   Interfaces Directly with AD20msp410 and AD20msp415
      GSM Baseband Chipsets
  
APPLICATIONS
   I/Q Modulated Digital Wireless Systems
   GSM Mobile Radios
   GSM PCMCIA Cards




Similar Part No. - AD6432

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD640 AD-AD640 Datasheet
278Kb / 16P
DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV.C
AD640 AD-AD640 Datasheet
240Kb / 16P
DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD640 AD-AD640 Datasheet
416Kb / 19P
DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. D
AD6402 AD-AD6402 Datasheet
110Kb / 8P
IF Transceiver Subsystem
REV.0
AD6402ARS AD-AD6402ARS Datasheet
110Kb / 8P
IF Transceiver Subsystem
REV.0
More results


Similar Description - AD6432

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD608 AD-AD608 Datasheet
196Kb / 12P
Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
AD6402 AD-AD6402 Datasheet
110Kb / 8P
IF Transceiver Subsystem
REV.0
AD6458 AD-AD6458 Datasheet
268Kb / 12P
GSM 3 V Receiver IF Subsystem
AD6459 AD-AD6459 Datasheet
314Kb / 12P
GSM 3 V Receiver IF Subsystem
AD61009 AD-AD61009 Datasheet
261Kb / 24P
Low Power Mixer 3 V Receiver IF Subsystem
REV.0
AD608ARZ AD-AD608ARZ Datasheet
326Kb / 16P
Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
REV. C
AD607ARSZ AD-AD607ARSZ Datasheet
1Mb / 24P
Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD6402 AD-AD6402_15 Datasheet
105Kb / 8P
IF Transceiver Subsystem
REV. 0
AD607 AD-AD607_15 Datasheet
1Mb / 24P
Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD61009 AD-AD61009_15 Datasheet
262Kb / 24P
Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com