Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD637JQ Datasheet(PDF) 1 Page - Analog Devices

Part # AD637JQ
Description  High Precision, Wide-Band RMS-to-DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD637JQ Datasheet(HTML) 1 Page - Analog Devices

  AD637JQ Datasheet HTML 1Page - Analog Devices AD637JQ Datasheet HTML 2Page - Analog Devices AD637JQ Datasheet HTML 3Page - Analog Devices AD637JQ Datasheet HTML 4Page - Analog Devices AD637JQ Datasheet HTML 5Page - Analog Devices AD637JQ Datasheet HTML 6Page - Analog Devices AD637JQ Datasheet HTML 7Page - Analog Devices AD637JQ Datasheet HTML 8Page - Analog Devices AD637JQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FUNCTIONAL BLOCK DIAGRAMS
REV. E
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
High Precision,
Wide-Band RMS-to-DC Converter
AD637
The AD637 is available in two accuracy grades (J, K) for com-
mercial (0
°C to +70°C) temperature range applications; two
accuracy grades (A, B) for industrial (–40
°C to +85°C) applica-
tions; and one (S) rated over the –55
°C to +125°C temperature
range. All versions are available in hermetically-sealed, 14-lead
side-brazed ceramic DIPs as well as low cost cerdip packages. A
16-lead SOIC package is also available.
PRODUCT HIGHLIGHTS
1. The AD637 computes the true root-mean-square, mean
square, or absolute value of any complex ac (or ac plus dc)
input waveform and gives an equivalent dc output voltage.
The true rms value of a waveform is more useful than an
average rectified signal since it relates directly to the power of
the signal. The rms value of a statistical signal is also related
to the standard deviation of the signal.
2. The AD637 is laser wafer trimmed to achieve rated perfor-
mance without external trimming. The only external compo-
nent required is a capacitor which sets the averaging time
period. The value of this capacitor also determines low fre-
quency accuracy, ripple level and settling time.
3. The chip select feature of the AD637 permits the user to
power down the device down during periods of nonuse,
thereby, decreasing battery drain in remote or hand-held
applications.
4. The on-chip buffer amplifier can be used as either an input
buffer or in an active filter configuration. The filter can be
used to reduce the amount of ac ripple, thereby, increasing
the accuracy of the measurement.
PRODUCT DESCRIPTION
The AD637 is a complete high accuracy monolithic rms-to-dc
converter that computes the true rms value of any complex
waveform. It offers performance that is unprecedented in inte-
grated circuit rms-to-dc converters and comparable to discrete
and modular techniques in accuracy, bandwidth and dynamic
range. A crest factor compensation scheme in the AD637 per-
mits measurements of signals with crest factors of up to 10 with
less than 1% additional error. The circuit’s wide bandwidth per-
mits the measurement of signals up to 600 kHz with inputs of
200 mV rms and up to 8 MHz when the input levels are above
1 V rms.
As with previous monolithic rms converters from Analog Devices,
the AD637 has an auxiliary dB output available to the user. The
logarithm of the rms output signal is brought out to a separate
pin allowing direct dB measurement with a useful range of
60 dB. An externally programmed reference current allows the
user to select the 0 dB reference voltage to correspond to any
level between 0.1 V and 2.0 V rms.
A chip select connection on the AD637 permits the user to
decrease the supply current from 2.2 mA to 350
µA during
periods when the rms function is not in use. This feature facili-
tates the addition of precision rms measurement to remote or
hand-held applications where minimum power consumption is
critical. In addition when the AD637 is powered down the out-
put goes to a high impedance state. This allows several AD637s
to be tied together to form a wide-band true rms multiplexer.
The input circuitry of the AD637 is protected from overload
voltages that are in excess of the supply levels. The inputs will
not be damaged by input signals if the supply voltages are lost.
FEATURES
High Accuracy
0.02% Max Nonlinearity, 0 V to 2 V RMS Input
0.10% Additional Error to Crest Factor of 3
Wide Bandwidth
8 MHz at 2 V RMS Input
600 kHz at 100 mV RMS
Computes:
True RMS
Square
Mean Square
Absolute Value
dB Output (60 dB Range)
Chip Select-Power Down Feature Allows:
Analog “3-State” Operation
Quiescent Current Reduction from 2.2 mA to 350
A
Side-Brazed DIP, Low Cost Cerdip and SOIC
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
BUFFER
AD637
ABSOLUTE
VALUE
SQUARER/DIVIDER
BIAS
SECTION
FILTER
25k
25k
1
2
3
4
5
6
7
14
13
12
11
10
9
8
16
15
SOIC (R) Package
BUFFER
AD637
ABSOLUTE
VALUE
SQUARER/DIVIDER
BIAS
SECTION
FILTER
25k
25k
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Ceramic DIP (D) and
Cerdip (Q) Packages


Similar Part No. - AD637JQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD637JQ AD-AD637JQ Datasheet
613Kb / 20P
High Precision, Wideband RMS-to-DC Converter
Rev. K
AD637JQ AD-AD637JQ Datasheet
694Kb / 25P
High Precision, Wideband RMS-to-DC Converter
Rev. L
More results

Similar Description - AD637JQ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1966 LINER-LTC1966 Datasheet
444Kb / 32P
Precision Micropower, SIGMA RMS-to-DC Converter
LTC1968 LINER-LTC1968 Datasheet
297Kb / 28P
Precision Wide Bandwidth, RMS-to-DC Converter
LTC1967 LINER-LTC1967 Datasheet
328Kb / 28P
Precision Extended Bandwidth, RMS-to-DC Converter
LTC1966 LINER-LTC1966_11 Datasheet
392Kb / 38P
Precision Micropower RMS-to-DC Converter
logo
Analog Devices
AD637ARZ AD-AD637ARZ Datasheet
613Kb / 20P
High Precision, Wideband RMS-to-DC Converter
Rev. K
AD637JRZ AD-AD637JRZ Datasheet
613Kb / 20P
High Precision, Wideband RMS-to-DC Converter
Rev. K
AD637 AD-AD637_15 Datasheet
808Kb / 21P
High Precision, Wideband RMS-to-DC Converter
Rev. K
logo
Linear Technology
LTC1967 LINER-LTC1967_15 Datasheet
333Kb / 28P
Precision Extended Bandwidth, RMS-to-DC Converter
LTC1968 LINER-LTC1968_15 Datasheet
301Kb / 28P
Precision Wide Bandwidth, RMS-to-DC Converter
LTC1966 LINER-LTC1966_15 Datasheet
397Kb / 38P
Precision Micropower RMS-to-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com