Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP0502BAJTG Datasheet(PDF) 1 Page - Littelfuse

Part # SP0502BAJTG
Description  Silicon Protection Arrays
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP0502BAJTG Datasheet(HTML) 1 Page - Littelfuse

  SP0502BAJTG Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Silicon Protection Arrays
©2009 Littelfuse, Inc
5
Application Guide
USB1.1
Considerations:
● Each port operates at either 1.5Mbps or 12Mbps (low and full speed respectively)
→ Slower speeds can tolerate higher capacitance devices
● Requires 2 channels of data line protection per port (i.e. D+/D-)
→ A 4 channel device can be useful if protecting a USB stack of 2 ports to make the
ESD footprint as small as possible
→ VBUS can be protected separately with a single channel device (0402 shown)
Application Schematic:
Recommended SPA Devices:
Ordering Number
ESD Level
(Contact)
I/O
Capacitance
# of Channels
VRWM
Packaging
SP0502BAJTG
±20kV
30pF
2
5.5V
SC70-3
SP1001-02XTG
±8kV
12pF
2
5.5V
SOT553
SP1001-04XTG
±8kV
12pF
4
5.5V
SOT553
SP1003-01DTG
±25kV
30pF
1
5.0V
SOD723
Signal GND
Case GND
USB Controller
USB Port
SP05
Outside
World
Case GND
SP1003
VBUS
D+
D-
IC


Similar Part No. - SP0502BAJTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP0502BAJTG LITTELFUSE-SP0502BAJTG Datasheet
178Kb / 7P
SP050xBA Lead-Free/Green Series
SP0502BAJTG LITTELFUSE-SP0502BAJTG Datasheet
373Kb / 9P
30pF 30kV Unidirectional TVS Array
SP0502BAJTG LITTELFUSE-SP0502BAJTG Datasheet
1Mb / 9P
30pF 30kV Unidirectional TVS Array
SP0502BAJTG LITTELFUSE-SP0502BAJTG Datasheet
964Kb / 7P
8pF 15kV Unidirectional TVS Array
More results

Similar Description - SP0502BAJTG

ManufacturerPart #DatasheetDescription
logo
Semikron International
DAN803 SEMIKRON-DAN803 Datasheet
157Kb / 2P
Silicon rectifiers arrays
logo
Littelfuse
SP03-6 LITTELFUSE-SP03-6 Datasheet
213Kb / 6P
Silicon Protection Arrays
SP1001-02JTG LITTELFUSE-SP1001-02JTG Datasheet
193Kb / 7P
Silicon Protection Arrays
logo
NXP Semiconductors
PESDXS5UD NXP-PESDXS5UD Datasheet
115Kb / 13P
Fivefold ESD protection diode arrays
Rev. 02-7 December 2006
logo
Littelfuse
SP3003-02XTG LITTELFUSE-SP3003-02XTG Datasheet
105Kb / 1P
Silicon Protection Arrays
logo
NXP Semiconductors
PESDXS5UD PHILIPS-PESDXS5UD Datasheet
115Kb / 13P
Fivefold ESD protection diode arrays
Rev. 02-7 December 2006
logo
ON Semiconductor
CM1223 ONSEMI-CM1223_12 Datasheet
335Kb / 13P
Capacitance ESD Protection Arrays with Backdrive Protection
July, 2012 ??Rev. 6
CM1293A ONSEMI-CM1293A_12 Datasheet
518Kb / 9P
Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 8
logo
Nexperia B.V. All right...
PESDXS5UD_SER NEXPERIA-PESDXS5UD_SER Datasheet
664Kb / 13P
Fivefold ESD protection diode arrays
Rev. 02 - 7 December 2006
logo
Diodes Incorporated
DESD24VS5U6SOQ DIODES-DESD24VS5U6SOQ Datasheet
433Kb / 5P
FIVEFOLD ESD PROTECTION DIODE ARRAYS
July 2020 Rev.1 - 2
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com