Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6600AST Datasheet(PDF) 17 Page - Analog Devices

Part # AD6600AST
Description  Dual Channel, Gain-Ranging ADC with RSSI
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6600AST Datasheet(HTML) 17 Page - Analog Devices

Back Button AD6600AST Datasheet HTML 13Page - Analog Devices AD6600AST Datasheet HTML 14Page - Analog Devices AD6600AST Datasheet HTML 15Page - Analog Devices AD6600AST Datasheet HTML 16Page - Analog Devices AD6600AST Datasheet HTML 17Page - Analog Devices AD6600AST Datasheet HTML 18Page - Analog Devices AD6600AST Datasheet HTML 19Page - Analog Devices AD6600AST Datasheet HTML 20Page - Analog Devices AD6600AST Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
REV. 0
AD6600
–17–
Table II. Selecting AD6600 Operating Mode
Output vs. Encode Clock
Mode
A_SEL
B_SEL
n
n+1
n+2
n+3
Dual: A/B
1
1
A
B
A
B
Single: A
1
0
A
A
A
A
Single: B
0
1
B
B
B
B
Not Valid
00
––
–
–
A_SEL and B_SEL are not logic inputs and should be tied
directly to ground or analog VCC (5 V analog).
In dual channel mode, the AB_OUT signal indicates which
input is currently available on the digital output. When the
AB_OUT is 1, the digital output is the digitized version of
Channel A. Likewise, when AB_OUT is 0, the Channel B is
available on the digital output (Table III).
Table III. AB_OUT for Dual Channel Operation
Output Data vs. Encode Clock
A_SEL and B_SEL = 1
n
n+1
n+2
n+3
D[10:0], RSSI[2:0]
A
B
A
B
AB_OUT
1010
Data Output Stage
The output stage provides data in the form of mantissa, D[10:0],
and exponent, RSSI[2:0], where D[10:0] represents the output
of the 11-bit ADC coded as two’s complement, and RSSI[2:0]
represents the gain-range setting coded in offset binary. Table
IV shows the nominal gain-ranges for a nominal 2 V p-p differ-
ential full-scale input. Keep in mind that the actual full-scale
input voltage and power will vary with input frequency.
Table IV. Interpreting the RSSI Bits
Differential
RSSI [2:0]
Analog Input Voltage
Decimal
Attenuation
(V p-p)
Binary
Equiv.
or Gain (dB)
0.5 < VIN
101
5
–12
0.25 < VIN < 0.5
100
4
–6
0.125 < VIN < 0.25
011
3
0
0.0625 < VIN < 0.125
010
2
+6
0.03125 < VIN < 0.0625
001
1
+12
VIN < 0.03125
000
0
+18
The digital processing chip which follows the AD6600 can com-
bine the 11 bits of two’s complement data with the 3 RSSI bits
to form a 16-bit equivalent output word. Table V explains how
the RSSI data can be interpreted when using a PLD or ASIC.
Basically, the circuit performs right shifts of the data depending
on the RSSI word. This can also be performed in software using
the following pseudo code fragment:
r0 = dm (rssi);
r2 = 5;
r0 = r2–r0;
r1 = dm (adc); (11 bits, MSB justified into DSP word)
rshift r1, r0; (arithmetic shift to extend the sign bit)
The result of the shifted data is a 16-bit fixed-point word that
can be used as any normal 16-bit word.
Table V. 16-Bit, Fixed-Point Data Format
16-Bit Data
Corresponds to a
RSSI
11-Bit Word
Format
Shift Right of
101
DATA
DATA
× 32
5
100
DATA
DATA
× 16
4
011
DATA
DATA
× 83
010
DATA
DATA
× 42
001
DATA
DATA
× 21
000
DATA
DATA
× 10
When mated with the AD6620, Digital Receive Processor Chip,
the AD6600 floating point data (mantissa + exponent) is automati-
cally converted to 16-bit two’s complement format by the AD6620.
APPLYING THE AD6600
Encoding the AD6600
The AD6600 encode signal must be a high quality, extremely
low phase noise source to prevent degradation of performance.
Digitizing high frequency signals (IF range 70 MHz–250 MHz)
places a premium on encode clock phase noise. SNR perfor-
mance can easily degrade by 3 dB–4 dB with 70 MHz input
signals when using a high-jitter clock source. At higher IFs (up
to 250 MHz), and with high-jitter clock sources, the higher
slew rates of the input signals reduce performance even further.
See AN-501, Aperture Uncertainty and ADC System Performance
for complete details.
For optimum performance, the AD6600 must be clocked differ-
entially. The encode signal is usually ac-coupled into the ENC
and
ENC pins via a transformer or capacitors. These pins are
biased internally and require no additional bias.
Figure 18 shows one preferred method for clocking the AD6600.
The sine source (low jitter) is converted from single-ended to
differential using an RF transformer. The back-to-back Schottky
diodes across the transformer secondary limit clock excursions
into the AD6600 to approximately 0.8 V p-p differential. This
helps prevent the larger voltage swings of the clock from feeding
through to other portions of the AD6600, and limits the noise
presented to the encode inputs. A crystal clock oscillator can
also be used to drive the RF transformer if an appropriate
limiting resistor (typically 100
Ω) is placed in the series with
the primary.
ENCODE
ENCODE
AD6600
T1–1T
5082–2810
DIODES
SINE
SOURCE
100
Figure 18. Transformer-Coupled Sine Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com