Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6600AST Datasheet(PDF) 19 Page - Analog Devices

Part # AD6600AST
Description  Dual Channel, Gain-Ranging ADC with RSSI
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6600AST Datasheet(HTML) 19 Page - Analog Devices

Back Button AD6600AST Datasheet HTML 15Page - Analog Devices AD6600AST Datasheet HTML 16Page - Analog Devices AD6600AST Datasheet HTML 17Page - Analog Devices AD6600AST Datasheet HTML 18Page - Analog Devices AD6600AST Datasheet HTML 19Page - Analog Devices AD6600AST Datasheet HTML 20Page - Analog Devices AD6600AST Datasheet HTML 21Page - Analog Devices AD6600AST Datasheet HTML 22Page - Analog Devices AD6600AST Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
REV. 0
AD6600
–19–
315
315
FROM
GAIN STAGE
AVCC
GND
CLAMP
ENCODE
FLT
FLT
RESONANT
FILTER PORT
Figure 23. 4
×/8 × Amplifier Clamp Circuitry
Figure 24 shows why settling is important for this circuit. If the
4
×/8× amp does not settle (come out of clamp), the amplitude
presented to the ADC will be decreased. This results in decreased
gain when the filter capacitance is too high.
ENCODE
RESONANT
FILTER
HOLD
TRACK
HOLD
CLAMPED
SETTLING
Figure 24. 4
×/8 × Amplifier Settling
This explains why the total capacitance allowed for the external
filter varies depending on the clock rate (actually encode clock
high time). If the encode is 13 MSPS and the duty cycle is 50%,
the allowable settling time is 38.5 ns (1/2 of the encode time).
Our assumption is that the amp should be allowed to settle to
1/4 LSB in this time period. This has been proven with both
simulation and empirical analysis. If the settling is assumed to
be an RC circuit, then:
T = RC; t = time; n = number of bits
VA
e
AA
A
e
e
e
t
T
ln
T
t
ln
O
tT
nt T
n
tT
n
tT
n
n
=−
()
−=
−
()
−= −
=
=


=
()
1
21
1
1
2
1
1
2
1
2
2
/
/
/
/
/
C
T
Rl n
ns
ln
pF
TOTAL
ENCODE
=
×
()
×
()
=
×
()
=
05
8192
38 5
315
8192
13 6
.
.
.
Ω
In this case, CTOTAL includes all parasitics and external capaci-
tance. R is nominally 315
Ω. The 8192 is (4 × 2048), which is
1/4 LSB of the converter (11 bits, 2048).
So for settling purposes, with 13 MSPS encode and 50% duty
cycle, the maximum allowable capacitance for proper settling is
CTOTAL = 13.6 pF.
As stated above, this CTOTAL includes the external capacitors,
the board parasitics, and the AD6600 parasitics. The parasitics
of the AD6600 (lead, internal bond pad and internal connec-
tions) at FLT and
FLT are 1.75 pF
±0.35 pF (differential).
If the resistors are at maximum value (315 + 20%), the maxi-
mum allowable capacitance is CTOTAL = 11.3 pF. If the duty
cycle is less than 50%, the maximum allowable capacitance is
further decreased to allow for settling.
Power Supplies
Care should be taken when selecting a power source. Linear
supplies are strongly recommended. Switching supplies tend to
have radiated components that may be “received” by the AD6600.
Each of the power supply pins should be decoupled as closely to
the package as possible using 0.1
µF chip capacitors.
The AD6600 has separate digital and analog power supply pins.
The analog supplies are denoted AVCC and the digital supply
pins are denoted DVCC. Although analog and digital supplies
may be tied together, best performance is achieved when the
supplies are separate. This is because the fast digital output
swings can couple switching current back into the analog sup-
plies. Note that AVCC must be held within 5% of 5 Volts; how-
ever, the DVCC supply may be varied according to output
digital logic family. The AD6600 is specified for DVCC = 3.3 V
as this is a common supply for digital ASICS.
Output Loading
Care must be taken when designing the data receivers for the
AD6600. Note from the equivalent circuits shown earlier (see
Equivalent Circuits) that D[10:0] and RSSI[2:0] contain a
500
Ω output series resistor. To minimize capacitive loading,
there should only be one gate on each output pin. Extra capaci-
tive loading will increase output timing and invalidate timing
specifications. CLK2
× and AB_OUT do not contain the output
series resistors. Testing for digital output timing is performed
with 10 pF loads.
Layout Information
The schematic of the evaluation board (Figure 25) represents a
typical implementation of the AD6600. A multilayer board is
recommended to achieve best results. It is highly recommended
that high quality, ceramic chip capacitors be used to decouple
each supply pin to ground directly at the device. The pinout of
the AD6600 facilitates ease of use in the implementation of high
frequency, high resolution design practices. All of the digital
outputs are segregated to two sides of the chip, with the inputs
on the opposite side for isolation purposes.
Care should be taken when routing the digital output traces. To
prevent coupling through the digital outputs into the analog
portion of the AD6600, minimal capacitive loading should be
placed on these outputs. It is recommended that a fanout of
only one be used for all AD6600 digital outputs.
The layout of the analog inputs and the external resonant filter
are critical. No digital traces must be routed near, under, or
above these portions of the circuit. The transformers used for
coupling into the analog inputs must be located as close as
possible to the analog inputs of the AD6600. The external reso-
nant filter components must be physically close to the filter-
input pins, yet separated from the analog inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com