Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6620AS Datasheet(PDF) 38 Page - Analog Devices

Part # AD6620AS
Description  65 MSPS Digital Receive Signal Processor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6620AS Datasheet(HTML) 38 Page - Analog Devices

Back Button AD6620AS Datasheet HTML 34Page - Analog Devices AD6620AS Datasheet HTML 35Page - Analog Devices AD6620AS Datasheet HTML 36Page - Analog Devices AD6620AS Datasheet HTML 37Page - Analog Devices AD6620AS Datasheet HTML 38Page - Analog Devices AD6620AS Datasheet HTML 39Page - Analog Devices AD6620AS Datasheet HTML 40Page - Analog Devices AD6620AS Datasheet HTML 41Page - Analog Devices AD6620AS Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 43 page
background image
AD6620
–38–
REV. 0
SERIAL BUFFERING
The AD6620 serial outputs are designed to operate at very high
speed. As such, care must be taken when driving the serial out-
put lines. These high speed lines must be treated as transmis-
sion lines. Critical lines include the SCLK, SDFS, SDFE, SDI
and SDO. It is recommended that these lines be series source
terminated with the characteristic impedance of the driven line.
If the lines are longer than a few inches, digital line buffers
should be used as shown below. Buffering in this manner will
prevent reflections on the serial lines from disrupting operation
of the AD6620. A good reference on transmission lines is found
in the “MECL System Design Handbook” by Motorola Inc,
Stock code HB205R1/D.
AD6620
SCLK
SDO
SDFS
SCLK
SDO
SDFS
Figure 54. Serial Line Buffering and Series Source
Termination
DSP/SHARC
® INTERFACING
With little effort, the AD6620 will interface to nearly all indus-
try standard DSPs, as shown in the figure below. The figures
below show operation in TDM applications as well as in serial
slave mode.
In TDM mode the first AD6620 is configured to be the master.
This chip is the first to access the serial data bus. When the
master has data available in its output shifters, it generates an
SDFS telling the DSP that serial data will follow. At this point,
the SDO of the master AD6620 takes control of the SDO line
and begins shifting data out of the device. When all data has
been shifted, the master raises the SDFE on the last shifted.
This signals the next chip (slave) that on the next cycle of the
clock it should take control of the SDO line and begin shifting
data to the DSP. When the second AD6620 completes its shift,
it raises its SDFE to signal the next chip in the chain, if present.
If additional devices are connected to the chain, this would be
used to indicate they should take control on the next clock cycle.
This application does not have a third device and therefore, the
frame would end.
Normally in an application with a single AD6620, the AD6620
would be configured as the serial bus master. However, there
are applications where the DSP or other device may be the serial
bus master. In this case, the diagram below illustrates how to
configure the AD6620 so that it may be used in this mode. In
order to use this in a meaningful application, the DSP must
know when the AD6620 has new data available on its output. If
the DSP polls the AD6620 too early, either old data will be
resent or the data could be in an indeterminate state. To pre-
vent this, the AD6620 has an output pin DVOUT that signals the
DSP when new data is available. This should be tied to an inter-
rupt line of the DSP that is edge-sensitive, as the DVOUT line is
only valid for two or four high speed clock cycles depending on
the mode of the chip. The DSP may then invoke an interrupt
service routine to handle the data, see text below. In this appli-
cation, the DSP is responsible for generating the framing and
clocking signals to the AD6620 as shown in Figure 56.
SCLK
AD6620
DSP
+3.3V
SBM
SCLK
SDI
DT
SDO
DR
SDFS
RFS
SDFE
10k
SDIV
2
4
AD
WL
10k
SCLK
AD6620
CASCADE
SBM
SDI
SDO
SDFS
SDFE
SDIV
2
4
AD
WL
Figure 55. Dual AD6620s Using the Serial Bus in a TDM
Application
SCLK
AD6620
DSP
SBM
SCLK
SDI
DT
SDO
DR
SDFS
RFS
SDFE
10k
10k
SDIV
2
4
AD
WL
DVOUT
IRQ
Figure 56. AD6620 Configured as a Serial Slave
SHARC is a registered trademark of Analog Devices, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com