Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6620AS Datasheet(PDF) 39 Page - Analog Devices

Part # AD6620AS
Description  65 MSPS Digital Receive Signal Processor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6620AS Datasheet(HTML) 39 Page - Analog Devices

Back Button AD6620AS Datasheet HTML 35Page - Analog Devices AD6620AS Datasheet HTML 36Page - Analog Devices AD6620AS Datasheet HTML 37Page - Analog Devices AD6620AS Datasheet HTML 38Page - Analog Devices AD6620AS Datasheet HTML 39Page - Analog Devices AD6620AS Datasheet HTML 40Page - Analog Devices AD6620AS Datasheet HTML 41Page - Analog Devices AD6620AS Datasheet HTML 42Page - Analog Devices AD6620AS Datasheet HTML 43Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
AD6620
–39–
REV. 0
Software for Single Channel Real Operation
When interfacing Analog Device’s SHARC DSP, the following
code fragments can be used to configure the SHARC. The first
example shows how to configure the registers for use with a
single channel application. The first segment of code defines the
memory for use with the multichannel serial port data. The
second segment of code sets up the serial port for receiving data
only. It could have just as easily been set up for bidirectional
data by properly setting the MTCSI register. The final two code
segments are used when a serial port interrupt occurs. When the
SHARC detects completion of the serial port frame, an inter-
rupt is generated and the final code segment is executed. The
comments in that section show where user code should be in-
serted. The SHARC takes care of moving the serial port buffers
data directly to data memory as shown.
/* —————————————————————————————*/
/* multi-channel register setup */
.SEGMENT/DM dm_data;
.VAR fm_demod_data[2];
/* Array for receiving 1 real and imag
sample */
.VAR fm_demod_tcb[8] = 0, 0, 0, 0, fm_demod_data+7, 2, 1,
fm_demod_data;
/* Transfer Control Block for reception of fm data */
/* —————————————————————————————*/
/* —————————————————————————————*/
/* Subroutine to setup sport1 for use with the AD6620 */
setup_sport1:
r0 = 0;
/* multi-channel enable setup */
dm(MTCS1) = r0;
/* do not transmit on any channels */
r0 = 0;
/* Compand Setup */
dm(MTCCS1) = r0;
/* no companding on transmit */
dm(MRCCS1) = r0;
/* no companding on receive */
r0 = 0x00100000;
/* Setup sport 1 transmit control register */
dm(STCTL1) = r0;
/* mfd = 1 */
r0 = 0x038c20f2;
/* Setup sport 1 receive control register */
dm(SRCTL1) = r0;
/* slen = 15, sden & schen enabled */
/* sign extend, external SCLK+RFS */
r0 = fm_demod_tcb + 7; /* TCB address */
dm(CP1) = r0;
/* Kickoff DMA chain */
rts (db);
/* RETURN */
bit set imask SPR1I;
/* enable sport1 receive interrupt */
nop;
/* —————————————————————————————*/
spr1_svc:
jump spr1_asserted;
RTI;
RTI;
RTI;
/* —————————————————————————————*/
/* —————————————————————————————*/
/* Process received data here. Data samples located in fm_demod_data
and fm_demod_data+1
spr1_asserted:
push sts;
/* Push the status stack */
/* Use secondary set of DAGs and Register file */
bit set mode1 SRD1H | SRD2L | SRRFH | SRRFL;
nop;
/* Insert code here to process I and Q data. The DSP serial port handler
has placed the samples in fm_demod_data and fm_demod_data+1 */
pop sts;
/* Pop the status stack */
rti (db);
/* Switch back to primary set of DAGs and Register file */
bit clr mode1 SRD1H | SRD2L | SRRFH | SRRFL;
nop;
.ENDSEG;
/*—————————————————————————————*/
Software for Diversity Channel Real Operation
The code for interfacing to Diversity Channel Real mode is very
similar to that of single channel. The only difference being the
number of channels allocated on the TDM chain. This process
can easily be extended for any number of TDM channels as
long as there is sufficient time in the frame to completely trans-
mit the data. This procedure works with the appended data as
well as serially cascaded devices. The code below demonstrates
setup and operation in diversity channel mode.
/*—————————————————————————————*/
.SEGMENT/DM dm_data;
/* multi-channel register setup */
.VAR fm_demod_data[4];
/* Array for receiving 2 real and imag
sample from each channel */
.VAR fm_demod_tcb[8] = 0, 0, 0, 0, 0, 4, 1, fm_demod_data;
/* Transfer Control Block for reception of fm data */
/* —————————————————————————————*/
/*—————————————————————————————*/
setup_sport1:
r0 = 0;
/* multi-channel enable setup */
dm(MTCS1) = r0;
/* do not transmit on any channels */
r0 = 0;
/* Compand Setup */
dm(MTCCS1) = r0;
/* no companding on transmit */
dm(MRCCS1) = r0;
/* no companding on receive */
r0 = 0x00100000;
/* Setup sport 1 transmit control register */
dm(STCTL1) = r0;
/* mfd = 1 */
r0 = 0x038c00f2;
/* Setup sport 1 receive control register */
dm(SRCTL1) = r0;
/* slen = 15, sden & schen enabled */
/* sign extend, external SCLK+RFS */
r0 = fm_demod_tcb + 7; /* TCB address */
dm(fm_demod_tcb + 4) = r0;
/* TCB point back to itself */
dm(CP1) = r0;
/* Kickoff DMA chain */
rts (db)
/* RETURN */
bit set imask SPR1I;
/* enable sport1 receive interrupt */
bit set imask CB15I;
/* Enable circular buffer 15 wrap
interrupt for buffers full */
/*—————————————————————————————*/
/*—————————————————————————————*/
spr1_svc:
jump spr1_asserted;
RTI;
RTI;
RTI;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com