Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6623ABC Datasheet(PDF) 19 Page - Analog Devices

Part # AD6623ABC
Description  4-Channel, 104 MSPS Digital Transmit Signal Processor TSP
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6623ABC Datasheet(HTML) 19 Page - Analog Devices

Back Button AD6623ABC Datasheet HTML 15Page - Analog Devices AD6623ABC Datasheet HTML 16Page - Analog Devices AD6623ABC Datasheet HTML 17Page - Analog Devices AD6623ABC Datasheet HTML 18Page - Analog Devices AD6623ABC Datasheet HTML 19Page - Analog Devices AD6623ABC Datasheet HTML 20Page - Analog Devices AD6623ABC Datasheet HTML 21Page - Analog Devices AD6623ABC Datasheet HTML 22Page - Analog Devices AD6623ABC Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
REV. 0
AD6623
–19–
Table V. RCF Control Registers
Channel
Bit
Address
Width
Description
0x0A
16
15–8: NRCF –1 B; 7–0: NRCF –1 A
0x0B
8
7–0: ORCF
0x0C
10
9: Ch. A Compact FIR Input Word Length
0: 16 bits–8 I followed by 8 Q
1: 24 bits–12 I followed by 12 Q
8: Ch. A RCF PRBS Enable
7: Ch A RCF PRBS Length
0: 15
1: 8,388,607
6–4: Ch. A RCF Mode Select
000 = FIR
001 = p/4-DQPSK Modulator
010 = GMSK Look-Up Table
011 = MSK Look-Up Table
100 = FIR compact mode
101 = 8-PSK
110 = 3p/8-8PSK Modulator
111 = QPSK Look-Up Table
3–0: Ch. A RCF Taps per Phase
0x0D
8
7–6: RCF Coarse Scale (g):
00 = 0 dB
01 = –6 dB
10 = –12 dB
11 = –18 dB
5: Ch. A Allpass Ph. Eq. Enable
4–0: Serial Clock Divider (1, ..., 32)
0x0E
16
15–2: Ch. A Unsigned Scale Factor
1–0: Reserved
0x0F
18
17–16: Ch. A Time Slot Sync Select
00: Sync0 (See 0x001 Time Slot)
01: Sync1
10: Sync2
11: Sync3
15–0: Ch. A RCF Scale Hold-Off Counter
1) Ramp Down (if Ramp is enabled)
2) Update Scale and Mode
3) Ramp Up (if Ramp is enabled)
0x110
16
15–0: Ch. A RCF Phase EQ Coef1
0x111
16
15–0: Ch. A RCF Phase EQ Coef2
0x112
16
15–0: Ch. A RCF MPSK Magnitude 0
0x113
16
15–0: Ch. A RCF MPSK Magnitude 1
0x114
16
15–0: Ch. A RCF MPSK Magnitude 2
0x115
16
15–0: Ch. A RCF MPSK Magnitude 3
0x116
8
7: Reserved
6: Ch. A Serial Data Frame Select
0: Serial Data Frame Request
1: Serial Data Frame End
Channel
Bit
Address
Width Description
5: Ch. A External SDFI Select
0: Internal SDFI
1: External SDFI
4: Ch. A SCLK Slave Select
0: Master
1: Slave
3: Ch. A Serial Fine Scale Enable
2: Ch. A Serial Time Slot Sync Enable
(ignored in FIR mode)
1: Ch. A Ramp Interpolation Enable
0: Ch. A Ramp Enable
0x117
6
5–0: Ch. A Mode 0 Ramp Length, R0–1
0x118
6
5–0: Ch. A Mode 1 Ramp Length, R1–1
0x119
5
4–0: Ch. A Ramp Rest Time, Q
0x11A–0x11F
Reserved
0x120–0x13F 16
15–0: Ch. A Data Memory
0x140–0x17F 16
15–14: Reserved
13–0: Ch. A Power Ramp Memory
0x180–0x1FF 16
15–0: Ch. A Coefficient Memory
This address is mirrored at 0x900–0x97F
and contiguously extended at
0x980–0x9FF
PSK MODULATOR
The PSK Modulator is an AD6623 extension feature that is
only available when the control register bit 0x000:7 is high.
The PSK Modulator creates 32-bit complex inputs to the
Interpolating FIR Filter from two or three data bits captured
by the serial port. The FIR Filter operates exactly as if the 32-
bit word came directly from the serial port. There are three
PSK modulation options to choose from: /4-DQPSK, 8-PSK,
and 3 /8-8-PSK. Every symbol of any of these modulations
can be represented by one of the 16 phases shown in Figure 21.
0
Figure 21. 16-Phase Modulations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com