Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6623ABC Datasheet(PDF) 20 Page - Analog Devices

Part # AD6623ABC
Description  4-Channel, 104 MSPS Digital Transmit Signal Processor TSP
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6623ABC Datasheet(HTML) 20 Page - Analog Devices

Back Button AD6623ABC Datasheet HTML 16Page - Analog Devices AD6623ABC Datasheet HTML 17Page - Analog Devices AD6623ABC Datasheet HTML 18Page - Analog Devices AD6623ABC Datasheet HTML 19Page - Analog Devices AD6623ABC Datasheet HTML 20Page - Analog Devices AD6623ABC Datasheet HTML 21Page - Analog Devices AD6623ABC Datasheet HTML 22Page - Analog Devices AD6623ABC Datasheet HTML 23Page - Analog Devices AD6623ABC Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
REV. 0
AD6623
–20–
All of these phase locations are represented in rectangular coor-
dinates by only four unique magnitudes in the positive and negative
directions. These four values are read from four channel registers
that are programmed according to the following table, which
gives the generic formulas and a specific example. The example
is notable because it is only 0.046 dB below full-scale and the
16-bit quantization is so benign at that magnitude, that the rms
error is better than –122 dBc. It is also worth noting that because
none of the phases are aligned with the axes, magnitudes slightly
beyond 0.16 dB above full-scale are achievable.
Table VI. Program Registers
Channel
Register
Magnitude M
Magnitude E 0x7F53
0x12
M 3 cos(p/16)
0x7CE1
0x13
M 3 cos(3p/16)
0x69DE
0x14
M 3 cos(5p/16)
0x46BD
0x15
M 3 cos(7p/16)
0x18D7
Using the four channel registers from the preceding table, the PSK
Modulator assembles the 16 phases according to Table VII.
Table VII. PSK Modulator Phase
Phase
I Value
Q Value
0
0x12
0x15
1
0x13
0x14
2
0x14
0x13
3
0x15
0x12
4
–0x15
0x12
5
–0x14
0x13
6
–0x13
0x14
7
–0x12
0x15
8
–0x12
–0x15
9
–0x13
–0x14
10
–0x14
–0x13
11
–0x15
–0x12
12
0x15
–0x12
13
0x14
–0x13
14
0x13
–0x14
15
0x12
–0x15
The following three sections show how the phase values are
created for each PSK modulation mode.
/4-DQPSK Modulation
IS-136 compliant
/4-DQPSK modulation is selected by setting
the channel register 0x0C: 6–4 to 001b. The phase word is calculated
according to the following diagram. The two LSBs of the serial
input word update the payload bits once per symbol. The QPSK
Mapper creates a data dependent static phase word (Sph) which
is added to a time dependent rotating phase word (Rph). The Rph
starts at zero when the RCF is reset or switches modes via a sync
pulse. Otherwise, the Rph increments by two on every symbol.
SERIAL
QPSK
MAPPER
SPH
[1:0]
[3:0]
PHASE
[3:0]
[3:0]
RPH
2
Figure 22. QPSK Mapper
The Sph word is calculated by the QPSK Mapper according to
the following truth table.
Table VIII. QPSK Mapper Truth Table
Serial [1:0]
Sph [3:0]
00b
0
01b
4
11b
8
10b
12
8-PSK Modulation
IS-136+ compliant 8-PSK modulation is selected by setting the
channel register 0x0C: 6–4 to 101b. The Phase word is calculated
according to the following diagram. The three LSBs of the serial
input word update the payload bits once per symbol.
SERIAL
8PSK
MAPPER
[2:0]
PHASE
[3:0]
Figure 23. 8-PSK Mapper
The Phase word is calculated by the 8-PSK Mapper according
to the following truth table:
Table IX. 8-PSK Mapper Truth Table
Serial [2:0]
Sph [3:0]
111b
0
011b
2
010b
4
000b
6
001b
8
101b
10
100b
12
110b
14
3
/8-8-PSK Modulation
EDGE compliant 3 /8-8-PSK modulation is selected by setting the
channel register 0x0C: 6–4 to 110b. The phase word is calculated
according to the following diagram. The three LSBs of the serial
input word update the payload bits once per symbol. The 8-PSK
Mapper creates a data-dependent static phase word (Sph) which is
added to a time-dependent rotating phase word (Rph). The 8-PSK
Mapper operates exactly as described in the preceding 8-PSK
Modulation section. The Rph starts at zero when the RCF is reset
or switches modes via a sync pulse. Otherwise, the Rph increments
by three on every symbol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com