Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6623S/PCB Datasheet(PDF) 37 Page - Analog Devices

Part # AD6623S/PCB
Description  4-Channel, 104 MSPS Digital Transmit Signal Processor TSP
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6623S/PCB Datasheet(HTML) 37 Page - Analog Devices

Back Button AD6623S/PCB Datasheet HTML 32Page - Analog Devices AD6623S/PCB Datasheet HTML 33Page - Analog Devices AD6623S/PCB Datasheet HTML 34Page - Analog Devices AD6623S/PCB Datasheet HTML 35Page - Analog Devices AD6623S/PCB Datasheet HTML 36Page - Analog Devices AD6623S/PCB Datasheet HTML 37Page - Analog Devices AD6623S/PCB Datasheet HTML 38Page - Analog Devices AD6623S/PCB Datasheet HTML 39Page - Analog Devices AD6623S/PCB Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
REV. 0
AD6623
–37–
Time Restriction CMEM Restriction
NL
RCF
RCF
≤×


min
1
2
, 16
256
(31)
DMEM Restriction
where:
LL
L
L
M
Nf
f
RCF
CIC
CIC
CIC
TSP
CLK
IN
=×
×
=
×
5
2
2
(32)
De-interleaving the input data into multiple TSPs extends the
time restriction and may possibly extend the DMEM restriction,
but will not extend the CMEM restriction. Deinterleaving the
input stream to multiple TSPs divides the input sample rate to
each TSP by the number of TSPs used (NTSP). To keep the output
rate fixed, L must be increased by a factor of NCH, which extends
the time restriction. This increase in L may be achieved by increas-
ing any one or more of LRCF, LCIC5, or LCIC2 within their normal
limits. Achieving a larger L by increasing LRCF instead of LCIC5
or LCIC2 will relieves the DMEM restriction as well.
In a UMTS example, NTSP = 4, fCLK = 76.8 MHz, and fIN =
3.84 MHz, resulting in L = 80. Factoring L into LRCF = 10,
LCIC = 8, and LCIC2 = 1 results in a maximum NRCF = 40 due to
the time restriction. Figure 37 shows an example RCF impulse
response which has a frequency response as shown in Figure 38
from 0 Hz to 7.68 MHz (fIN
LRCF/NTSP). The composite RCF
and CIC frequency response is shown in Figure 38, on the same
frequency scale. This figure demonstrates a good approximation
to a root-raised-cosine with a roll-off factor of 0.22, a passband
ripple of 0.1 dB, and a stopband ripple better than –70 dB until
the lobe of the first image which peaks at –60 dB about 7.68 MHz
from the carrier center. This lobe could be reduced by shifting
more of the interpolation towards the RCF, but that would
sacrifice near in performance. As shown, the first image can be
easily rejected by an analog filter further up the signal path.
Scaling must be considered as normal with an interpolation
factor of L, to guarantee no overflow in the RCF, CIC, or NCOs.
The output level at the summation port should be calculated
using an interpolation factor of L/NTSP.
Programming Multiple TSPs
Configuring the TSPs for de-interleaved operation is straight
forward. All the Channel Registers and the CMEM of each TSP
are programmed identically, except the Start Hold-Off Counters
and NCO Phase Offset.
In order to separate the input timing to each TSP, the Hold-Off
Counters must be used to start each TSP successively in response
to a common Start SYNC. The Start SYNC may originate from
the SYNC pin or the MicroPort. Each subsequent TSP must have
a Hold-Off Counter value L/NTSP larger than its predecessor’s.
If the TSPs are located on cascaded AD6623s, the Hold-Off
Counters of the upstream device should be incremented by an
additional one.
In the UMTS example, L = 80 and NTSP = 4, so to respond as
quickly as possible to a Start SYNC, the Hold-Off Counter
values should be 1, 21, 41, and 61.
Driving Multiple TSP Serial Ports
When configured properly, the AD6623 will drive each SDFO
out of phase. Each new piece of data should be driven only into
the TSP that pulses its SDFO pin at that time.
In the UMTS example in Figure 35, L = 80 and NTSP = 4, so
each serial port need only accept every fourth input sample.
Each serial port is shifting at peak capacity, so sample 1, 2, and
3 begin shifting into Serial Ports B, C, and D before sample 0 is
completed into Serial Port A.
SDFOA
SDFOB
SDFOC
SDFOD
04
15
2
7
6
3
Figure 35. UMTS Example
RAM
COEF
FILTER
CIC
NCO
SUMMATION
BLOCK
CIC
NCO
CIC
NCO
CIC
NCO
DATA
RE-FORMATTER
DAC
RAM
COEF
FILTER
RAM
COEF
FILTER
RAM
COEF
FILTER
76.8 MSAMPLES/SEC
76.8MSPS
76.8MSPS
76.8MSPS
76.8MSPS
9.6MSPS
9.6MSPS
9.6MSPS
9.6MSPS
0.96
MCPS
0.96
MCPS
0.96
MCPS
0.96
MCPS
3.84 MCPS
32
32
32
32
32
I
Q
I
Q
I
Q
I
Q
COMLEX SIGNAL 32 BITS (16, I, 16 Q)
REAL OR IMAGINARY SIGNAL
Figure 36. Summation Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com