Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6623S/PCB Datasheet(PDF) 29 Page - Analog Devices

Part # AD6623S/PCB
Description  4-Channel, 104 MSPS Digital Transmit Signal Processor TSP
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6623S/PCB Datasheet(HTML) 29 Page - Analog Devices

Back Button AD6623S/PCB Datasheet HTML 25Page - Analog Devices AD6623S/PCB Datasheet HTML 26Page - Analog Devices AD6623S/PCB Datasheet HTML 27Page - Analog Devices AD6623S/PCB Datasheet HTML 28Page - Analog Devices AD6623S/PCB Datasheet HTML 29Page - Analog Devices AD6623S/PCB Datasheet HTML 30Page - Analog Devices AD6623S/PCB Datasheet HTML 31Page - Analog Devices AD6623S/PCB Datasheet HTML 32Page - Analog Devices AD6623S/PCB Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
REV. 0
AD6623
–29–
Single-Carrier Scaling
Once the optimal power level is determined for each carrier, one
must determine the best way to achieve that level. The maximum
SNR can be achieved by maximizing the intermediate power level
at each processing stage. This can be done by assuming the proper
level at the output and working along the following path: Sum-
mation, NCO, CIC, Ramp, RCF, and finally, Fine Scaler Unit.
The Summation Block is intended to combine multiple carriers
with each carrier at least 6 dB below full scale. For this configu-
ration, the AD6623 driving the DAC should have clip detection
enabled. OUT17 becomes a clip indicator that reports clipping
in both polarities. If the DAC requires offset binary outputs, then
the internal offset binary conversion should be enabled as well.
Any preceding cascaded AD6623s should disable clip detection
and offset binary conversion. The IN17–IN0 of the first AD6623
in the cascade should be grounded. See the Summation Block
section for details. In this configuration, intermediate OUT17s will
serve as guard bits that allow intermediate sums to exceed full scale.
As long as the final output does not exceed 6 dB over full scale, the
clip detector will perform correctly.
If a single carrier needs to exceed –6 dB full scale, hardwired
scaling can be accomplished according to Table XX. This is most
useful when the AD6623 is processing a Single Wideband Carrier
such as UMTS or CDMA 2000.
Table XX. Hardwired Scaling
Max. Single
Connect to
Clip
Offset Binary
Carrier Level
DAC MSB
Detect
Compensation
–12.04 dB
OUT17
N/A
Internal
–6.02 dB
OUT16
±
Internal
0 dB
OUT15
+ only
0x08000
+6.02 dB
OUT14
+ only
0x0C000
The NCO/Tuner is equipped with an output scaler that ranges
from –6.02 dB to –24.08 dB below full scale, in 6.02 dB steps. See
the NCO/Tuner section for details. The best SNR will be achieved
by maximizing the input level to the NCO and using the largest
possible NCO attenuation. For example, to achieve an output
level –20 dB below full scale, one should set the CIC output level to
–1.94 dB below full scale and attenuate by –18.06 dB in the NCO.
The CIC is equipped with an output scaler that ranges from 0 dB
to –186.64 dB below full scale in 6.02 dB steps. This large attenuation
is necessary to compensate for the potentially large gains associ-
ated with CIC interpolation. See the CIC section for details. For
example to achieve an output level of –1.94 dB below full scale,
with a CIC5 interpolation of 27 (114.51 dB gain) and a CIC2 inter-
polation of 3 (9.54 dB gain), one should set the CIC_Scale to 20
and the Fine Scale Unit output level to –5.59 dB below full scale.
– .
– .
–
..
– .
1 94
9 54
114 51 20
6 02
5 59
+×
=
(22)
The ramp unit when bypassed will have exactly 0 dB of gain and
can be ignored. When in use, the gain is dependant on what value
is stored in the last valid RMEM location. RMEM words are
14 bits [0–1), so when the value is positive full scale, the gain is
about –0.0005 dB; probably neglectable.
The RCF coefficients should be normalized to positive full scale.
This will yield the greatest dynamic range. The RCF is equipped
with an output scaler that ranges from 0 dB to –18.06 dB below
full scale in 6.02 dB steps. This attenuation can be used to partially
compensate for filter gain in the RCF. For example, if the maximum
gain of the RCF coefficients is 11.26 dB, the RCF coarse scale
should be set to 2 (12.04 dB). This yields an RCF output level
and fine scale input level of –0.78 dB
11 26
12 04
0 78
.
–
.
– .
=
(23)
The fine scale unit is left to turn a –0.78 dB level into a –5.59 dB
level. This requires a gain of –4.81 dB, which corresponds to a
14-bit [0–2] scale value of 1264h. All subsequent rescalings
during chip operation should be relative to this maximum.
– .
– .
– .
559
0 78
481
=
(24)
floor
h
10
2
1264
481
20
13
– .
×
 =
(25)
Finally, as described in the RCF section, there may be a worst-case
peak of a phase that is larger than the channel center gain. In the
preceding example, if the worst case to channel center ratio is larger
than 4.59 dB (potentially overflowing the RCF), then the RCF_
Coarse_Scale should be reduced by one and the CIC_Scale should
be increased by one. In the preceding example, if the worst case to
channel center ratio is larger than 5.59 dB (potentially overflowing
the RCF and CIC), then the RCF_Coarse_Scale should be reduced
by one and the NCO_Output_Scale should be increased by one.
MICROPORT INTERFACE
The MicroPort interface is the communications port between the
AD6623 and the host controller. There are two modes of bus
operation: Intel nonmultiplexed mode (INM), and Motorola non-
multiplexed mode (MNM) that is set by hard-wiring the MODE
pin to either ground or supply. The mode is selected based on the
use of the MicroPort control lines (DS or RD, DTACK or RDY,
RW or WR) and the capabilities of the host processor. See the
timing diagrams for details on the operation of both modes.
The External Memory Map provides data and address registers
to read and write the extensive control registers in the Internal
Memory Map. The control registers access global chip functions
and multiple control functions for each independent channel.
MicroPort Control
All accesses to the internal registers and memory of the AD6623
are accomplished indirectly through the use of the microprocessor
port external registers shown in Table XXI. Accesses to the Exter-
nal Registers are accomplished through the 3 bit address bus (A[2:0])
and the 8-bit data bus (D[7:0]) of the AD6623 (MicroPort).
External Address [3:0] provides access to data read from or writ-
ten to the internal memory (up to 32 bits). External Address [0]
is the least significant byte and External Address [3] is the most
significant byte. External Address [4] controls the Sleep Mode
of each channel. External Address [5] controls the sync status of
each channel. External Address [7:6] determines the Internal
Address selected and whether this address is incremented after
subsequent reads and/or writes to the internal registers.
EXTERNAL MEMORY MAP
The External Memory Map is used to gain access to the Internal
Memory Map described below. External Address [7:6] sets the
Internal Address to which subsequent reads or writes will be per-
formed. The top two bits of External Address [7] allow the user
to set the address to auto increment after reads, writes, or both.
All internal data words have widths that are less than or equal to
32 bits. Accesses to External Address [0] also triggers access to
the AD6623’s internal memory map. Thus during writes to the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com