Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6644 Datasheet(PDF) 13 Page - Analog Devices

Part # AD6644
Description  14-Bit, 40 MSPS/65 MSPS A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6644 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD6644 Datasheet HTML 9Page - Analog Devices AD6644 Datasheet HTML 10Page - Analog Devices AD6644 Datasheet HTML 11Page - Analog Devices AD6644 Datasheet HTML 12Page - Analog Devices AD6644 Datasheet HTML 13Page - Analog Devices AD6644 Datasheet HTML 14Page - Analog Devices AD6644 Datasheet HTML 15Page - Analog Devices AD6644 Datasheet HTML 16Page - Analog Devices AD6644 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
AD6644
–13–
REV. 0
In applications where dc-coupling is required, a new differential
output op amp from Analog Devices, the AD8138, can be used
to drive the AD6644 (Figure 28). The AD8138 op amp provides
single-ended-to-differential conversion, which reduces overall
system cost and minimizes layout requirements.
AD8138
CF
499
AD6644
25
25
AIN
499
0.1 F
VIN
499
499
5V
AIN
VREF
DIGITAL
OUTPUTS
VOCM
CF
Figure 28. DC-Coupled Analog Input Circuit
Power Supplies
Care should be taken when selecting a power source. Linear
supplies are strongly recommended. Switching supplies tend to
have radiated components that may be “received” by the AD6644.
Each of the power supply pins should be decoupled as closely to
the package as possible using 0.1
µF chip capacitors.
The AD6644 has separate digital and analog power supply pins.
The analog supplies are denoted AVCC and the digital supply
pins are denoted DVCC. AVCC and DVCC should be separate
power supplies. This is because the fast digital output swings
can couple switching current back into the analog supplies. Note
that AVCC must be held within 5% of 5 V. The AD6644 is speci-
fied for DVCC = 3.3 V as this is a common supply for digital ASICs.
Output Loading
Care must be taken when designing the data receivers for the
AD6644. It is recommended that the digital outputs drive a
series resistor (e.g. 100
Ω) followed by a gate like 74LCX574.
To minimize capacitive loading, there should only be one gate
on each output pin. An example of this is shown in the evaluation
board schematic shown in Figure 30. The digital outputs of the
AD6644 have a constant output slew rate of 1 V/ns. A typical
CMOS gate combined with a PCB trace will have a load of
approximately 10 pF. Therefore, as each bit switches, 10 mA
(10 pF
1 V
1 ns) of dynamic current per bit will flow in or out
of the device. A full scale transition can cause up to 140 mA
(14 bits
10 mA/bit) of current to flow through the output stages.
The series resistors should be placed as close to the AD6644 as
possible to limit the amount of current that can flow into the out-
put stage. These switching currents are confined between ground
and the DVCC pin. Standard TTL gates should be avoided since
they can appreciably add to the dynamic switching currents of
the AD6644. It should also be noted that extra capacitive loading
will increase output timing and invalidate timing specifications.
Digital output timing is guaranteed with 10 pF loads.
Layout Information
The schematic of the evaluation board (Figure 30) represents a
typical implementation of the AD6644. A multilayer board is
recommended to achieve the best results. It is highly recom-
mended that high-quality, ceramic chip capacitors be used to
decouple each supply pin to ground directly at the device. The
pinout of the AD6644 facilitates ease of use in the implementa-
tion of high frequency, high resolution design practices. All of
the digital outputs are segregated to two sides of the chip, with
the inputs on the opposite side for isolation purposes.
Care should be taken when routing the digital output traces.
To prevent coupling through the digital outputs into the analog
portion of the AD6644, minimal capacitive loading should be
placed on these outputs. It is recommended that a fan-out of
only one gate be used for all AD6644 digital outputs.
The layout of the Encode circuit is equally critical. Any noise
received on this circuitry will result in corruption in the digi-
tization process and lower overall performance. The Encode clock
must be isolated from the digital outputs and the analog inputs.
Jitter Considerations
The signal-to-noise ratio (SNR) for an ADC can be predicted.
When normalized to ADC codes, Equation 1 accurately predicts
the SNR based on three terms. These are jitter, average DNL
error, and thermal noise. Each of these terms contributes to the
noise within the converter.
SNR
f
t
V
N
ANALOG
RMS
NOISE RMS
N
=×
+
 +× ×
×
+


–
log
()
()
/
20
1
2
2
2
2
2
2
12
ε
π
J
(1)
fANALOG
= analog input frequency.
tJ RMS
= rms jitter of the encode (rms sum of encode
source and internal encode circuitry).
ε
= average DNL of the ADC (typically 0.41 LSB).
N
= Number of bits in the ADC.
VNOISE RMS = V rms thermal noise referred to the analog input
of the ADC (typically 2.5 LSB).
For a 14-bit analog-to-digital converter like the AD6644, aper-
ture jitter can greatly affect the SNR performance as the analog
frequency is increased. The chart below shows a family of curves
that demonstrates the expected SNR performance of the AD6644
as jitter increases. The chart is derived from the above equation.
For a complete discussion of aperture jitter, please consult
Analog Devices’ Application Note AN-501, “Aperture
Uncertainty and ADC System Performance.”
JITTER – ps
0
0.1
55
0.2
0.3
0.4
0.5
0.6
60
65
70
75
80
AIN = 190MHz
AIN = 150MHz
AIN = 110MHz
AIN = 30MHz
AIN = 70MHz
Figure 29. SNR vs. Jitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com