Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJ802 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MJ802
Description  30 AMPERE POWER TRANSISTOR NPN SILICON 100 VOLTS 200 WATTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJ802 Datasheet(HTML) 1 Page - Motorola, Inc

  MJ802 Datasheet HTML 1Page - Motorola, Inc MJ802 Datasheet HTML 2Page - Motorola, Inc MJ802 Datasheet HTML 3Page - Motorola, Inc MJ802 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Bipolar Power Transistor Device Data
High-Power NPN Silicon
Transistor
. . . for use as an output device in complementary audio amplifiers to 100–Watts
music power per channel.
• High DC Current Gain — hFE = 25–100 @ IC = 7.5 A
• Excellent Safe Operating Area
• Complement to the PNP MJ4502
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCER
100
Vdc
Collector–Base Voltage
VCB
100
Vdc
Collector–Emitter Voltage
VCEO
90
Vdc
Emitter–Base Voltage
VEB
4.0
Vdc
Collector Current
IC
30
Adc
Base Current
IB
7.5
Adc
Total Device Dissipation @ TC = 25°C
Derate above 25
_C
PD
200
1.14
Watts
W/
_C
Operating and Storage Junction Temperature Range
TJ, Tstg
– 65 to + 200
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
θJC
0.875
_C/W
200
150
100
50
0
40
60
120
140
200
Figure 1. Power–Temperature Derating Curve
TC, CASE TEMPERATURE (°C)
0
20
80
100
160
180
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MJ802/D
© Motorola, Inc. 1995
MJ802
30 AMPERE
POWER TRANSISTOR
NPN SILICON
100 VOLTS
200 WATTS
CASE 1–07
TO–204AA
(TO–3)
REV 7


Similar Part No. - MJ802

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ802 MOSPEC-MJ802 Datasheet
111Kb / 3P
POWER TRANSISTORS(30A,100V,200W)
logo
ON Semiconductor
MJ802 ONSEMI-MJ802 Datasheet
136Kb / 4P
High-Power NPN Silicon Transistor
1995 REV 7
logo
STMicroelectronics
MJ802 STMICROELECTRONICS-MJ802 Datasheet
277Kb / 5P
COMPLEMENTARY HIGH POWER TRANSISTORS
Dec-1988
logo
Wing Shing Computer Com...
MJ802 WINGS-MJ802 Datasheet
55Kb / 1P
NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
logo
Central Semiconductor C...
MJ802 CENTRAL-MJ802 Datasheet
54Kb / 1P
Power Transistors
More results

Similar Description - MJ802

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ11012 MOTOROLA-MJ11012 Datasheet
157Kb / 4P
30 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.120 VOLTS 200 WATTS
MJ11017 MOTOROLA-MJ11017 Datasheet
235Kb / 6P
30 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.120 VOLTS 200 WATTS
MJ4502 MOTOROLA-MJ4502 Datasheet
119Kb / 4P
30 AMPERE POWER TRANSISTOR PNP SILICON 100 VOLTS 200 WATTS
MJE13009 MOTOROLA-MJE13009 Datasheet
451Kb / 10P
12 AMPERE NPN SILICON POWER TRANSISTOR 400 VOLTS 100 WATTS
MJE2360T MOTOROLA-MJE2360T Datasheet
98Kb / 4P
0.5 AMPERE POWER TRANSISTORS NPN SILICON 350 VOLTS 30 WATTS
MJE341 MOTOROLA-MJE341 Datasheet
130Kb / 4P
0.5 AMPERE POWER TRANSISTORS NPN SILICON 150-200 VOLTS 20 WATTS
MJE3439 MOTOROLA-MJE3439 Datasheet
100Kb / 4P
0.3 AMPERE POWER TRANSISTOR NPN SILICON 350 VOLTS 15 WATTS
MJL3281A MOTOROLA-MJL3281A Datasheet
203Kb / 6P
15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 200 WATTS
TIP29B MOTOROLA-TIP29B Datasheet
137Kb / 4P
1 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 80-100 VOLTS 30 WATTS
logo
ON Semiconductor
MJE13009 ONSEMI-MJE13009_06 Datasheet
148Kb / 10P
12 AMPERE NPN SILICON POWER TRANSISTOR 400 VOLTS ??100 WATTS
February, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com