Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED108-45 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LED108-45
Description  LED Protoboards
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LED108-45 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LED108-45 Datasheet HTML 1Page - List of Unclassifed Manufacturers LED108-45 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LED Protoboards
FEATURES:
Prototyping holes spaced on a 0.1" x 0.1" grid
Hole interior diameter = 0.037"
Plated through holes with pads on both sides of board
LED-series prototyping boards
vide a versatile solution for LED projects. The
boards have white soldermask to enhance LED
luminosity, common bus power trace, locations for
resistors to control individual LEDS, prototyping area
for drivers, and locations for other components.
LED108-45 (front view)
ard
4 0 x 5.0"
LED108-45 (rear view)
ard
4 0 x 5.0"
(phone)
(fax)


Similar Part No. - LED108-45

ManufacturerPart #DatasheetDescription
logo
Timeguard
LED100FLBP TIMEGUARD-LED100FLBP Datasheet
337Kb / 3P
8.5W LED Compact Floodlight Single Flood – Black
13/02/2025
LED100FLWHP TIMEGUARD-LED100FLWHP Datasheet
335Kb / 3P
8.5W LED Compact Floodlight Single Flood – White
13/02/2025
LED100PIRBP TIMEGUARD-LED100PIRBP Datasheet
377Kb / 3P
8.5W LED Compact Floodlight Single Flood With PIR – Black
13/02/2025
LED100PIRWHP TIMEGUARD-LED100PIRWHP Datasheet
349Kb / 3P
8.5W LED Compact Floodlight Single Flood With PIR – White
13/02/2025
logo
List of Unclassifed Man...
LED100W-018 ETC2-LED100W-018 Datasheet
694Kb / 4P
Switch Mode LED Drivers
More results

Similar Description - LED108-45

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
LED
NSPG520S ETC-NSPG520S Datasheet
868Kb / 15P
LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
LED
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
Infrared LED Subminiature LED
logo
List of Unclassifed Man...
LED12-C2 ETC2-LED12-C2 Datasheet
164Kb / 2P
LED Protoboards
LED20-14 ETC2-LED20-14 Datasheet
154Kb / 2P
LED Protoboards
LED24-C4 ETC2-LED24-C4 Datasheet
370Kb / 2P
LED Protoboards
logo
NICHIA CORPORATION
NESB146AT NICHIA-NESB146AT Datasheet
274Kb / 17P
LED
NFSL172AT NICHIA-NFSL172AT Datasheet
291Kb / 19P
LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com