Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD676JD Datasheet(PDF) 1 Page - Analog Devices

Part # AD676JD
Description  16-Bit 100 kSPS Sampling ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD676JD Datasheet(HTML) 1 Page - Analog Devices

  AD676JD Datasheet HTML 1Page - Analog Devices AD676JD Datasheet HTML 2Page - Analog Devices AD676JD Datasheet HTML 3Page - Analog Devices AD676JD Datasheet HTML 4Page - Analog Devices AD676JD Datasheet HTML 5Page - Analog Devices AD676JD Datasheet HTML 6Page - Analog Devices AD676JD Datasheet HTML 7Page - Analog Devices AD676JD Datasheet HTML 8Page - Analog Devices AD676JD Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
FUNCTIONAL BLOCK DIAGRAM
DIGITAL
CHIP
PAT
GEN
ALU
RAM
MICRO-CODED
CONTROLLER
AGND
AGND SENSE
CAL
SAMPLE
BUSY
COMP
ANALOG
CHIP
16-BIT
DAC
INPUT
BUFFERS
LOGIC & TIMING
CAL
DAC
LEVEL TRANSLATORS
16
BIT 1 – BIT 16
V
IN
VREF
15
14
16
13
8
9
AD676
SAR
1
6
19
28
CLK 10
L
A
T
C
H
7
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
16-Bit 100 kSPS
Sampling ADC
AD676
FEATURES
Autocalibrating
On-Chip Sample-Hold Function
Parallel Output Format
16 Bits No Missing Codes
1 LSB INL
–97 dB THD
90 dB S/(N+D)
1 MHz Full Power Bandwidth
PRODUCT DESCRIPTION
The AD676 is a multipurpose 16-bit parallel output analog-to-
digital converter which utilizes a switched-capacitor/charge
redistribution architecture to achieve a 100 kSPS conversion
rate (10
µs total conversion time). Overall performance is opti-
mized by digitally correcting internal nonlinearities through
on-chip autocalibration.
The AD676 circuitry is segmented onto two monolithic chips—
a digital control chip fabricated on Analog Devices DSP CMOS
process and an analog ADC chip fabricated on our BiMOS II
process. Both chips are contained in a single package.
The AD676 is specified for ac (or “dynamic”) parameters such
as S/(N+D) Ratio, THD and IMD which are important in sig-
nal processing applications. In addition, dc parameters are
specified which are important in measurement applications.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
The AD676 operates from +5 V and
±12 V supplies and typi-
cally consumes 360 mW during conversion. The digital supply
(VDD) is separated from the analog supplies (VCC, VEE) for re-
duced digital crosstalk. An analog ground sense is provided for
the analog input. Separate analog and digital grounds are also
provided.
The AD676 is available in a 28-pin plastic DIP or 28-pin side-
brazed ceramic package. A serial-output version, the AD677, is
available in a 16-pin 300 mil wide ceramic or plastic package.


Similar Part No. - AD676JD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD676JD AD-AD676JD Datasheet
421Kb / 17P
16-Bit 100 kSPS Sampling ADC
23-Feb-2017
More results

Similar Description - AD676JD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1876 AD-AD1876 Datasheet
190Kb / 12P
16-Bit 100 kSPS Sampling ADC
AD677 AD-AD677 Datasheet
427Kb / 16P
16-Bit 100 kSPS Sampling ADC
AD676JN AD-AD676JN Datasheet
391Kb / 16P
16-Bit 100 kSPS Sampling ADC
REV. A
AD676KN AD-AD676KN Datasheet
391Kb / 16P
16-Bit 100 kSPS Sampling ADC
REV. A
AD1876 AD-AD1876_15 Datasheet
158Kb / 12P
16-Bit 100 kSPS Sampling ADC
REV. A
AD676 AD-AD676_15 Datasheet
391Kb / 16P
16-Bit 100 kSPS Sampling ADC
REV. A
AD677 AD-AD677_15 Datasheet
430Kb / 16P
16-Bit 100 kSPS Sampling ADC
REV. A
AD676 AD-AD676_17 Datasheet
421Kb / 17P
16-Bit 100 kSPS Sampling ADC
23-Feb-2017
AD677 AD-AD677_17 Datasheet
461Kb / 17P
16-Bit 100 kSPS Sampling ADC
23-Feb-2017
logo
Cirrus Logic
CDB5571-2 CIRRUS-CDB5571-2 Datasheet
689Kb / 26P
100 kSps, 16-bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com