Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD679KN Datasheet(PDF) 11 Page - Analog Devices

Part # AD679KN
Description  14-Bit 128 kSPS Complete Sampling ADC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD679KN Datasheet(HTML) 11 Page - Analog Devices

Back Button AD679KN Datasheet HTML 4Page - Analog Devices AD679KN Datasheet HTML 5Page - Analog Devices AD679KN Datasheet HTML 6Page - Analog Devices AD679KN Datasheet HTML 7Page - Analog Devices AD679KN Datasheet HTML 8Page - Analog Devices AD679KN Datasheet HTML 9Page - Analog Devices AD679KN Datasheet HTML 10Page - Analog Devices AD679KN Datasheet HTML 11Page - Analog Devices AD679KN Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD679
REV. C
–11–
The following examples illustrate typical AD679 interface
configurations.
AD679 to TMS320C25
In Figure 9 the AD679 is mapped into the TMS320C25 I/O
space. AD679 conversions are initiated by issuing an OUT in-
struction to Port 1. EOC status and the conversion result are
read in with an IN instruction to Port 1. A single wait state is in-
serted by generating the processor READY input from IS, Port
1 and MSC. Address line A0 provides HBE decoding to select
between the high and low bytes of data. This configuration sup-
ports processor clock speeds of 20 MHz and is capable of sup-
porting processor clock speeds of 40 MHz if a NOP instruction
follows each AD679 read instruction.
Figure 9. AD679 to TMS320C25 Interface
AD679 to 80186
Figure 10 shows the AD679 interfaced to the 80186 micropro-
cessor. This interface allows the 80186’s built-in DMA control-
ler to transfer the AD679 output into a RAM based FIFO buffer
of any length, with no microprocessor intervention.
In this application the AD679 is configured in the asynchronous
mode, which allows conversions to be initiated by an external
trigger source independent of the microprocessor clock. After
each conversion, the AD679 EOC signal generates a DMA re-
quest to Channel 1 (DRQ1). The subsequent DMA READ se-
quences the high and low byte AD679 data and resets the
interrupt latch. The system designer must assign a sufficient pri-
ority to the DMA channel to ensure that the DMA request will
be serviced before the completion of the next conversion. This
configuration can be used with 6 MHz and 8 MHz 80186
processors.
Figure 10. AD679 to 80186 DMA Interface
AD679 to Analog Devices ADSP-2101
Figure 11 demonstrates the AD679 interfaced to an ADSP-2101.
With a clock frequency of 12.5 MHz, and instruction execution in
one 80 ns cycle, the digital signal processor supports the AD679
interface with one wait state.
The converter is configured to run asynchronously using a sam-
pling clock. The EOC output of the AD679 gets asserted at the
end of each conversion and causes an interrupt. Upon interrupt,
the ADSP-2101 immediately asserts its FO pin LOW. In the
following cycle, the processor starts a data memory read by pro-
viding an address on the DMA bus. The decoded address gener-
ates OE for the converter, and the high byte of the conversion
result is read over the data bus. The read operation is extended
with one wait state and thus started and completed within two
processor cycles (160 ns). Next, the ADSP-2101 asserts its FO
HIGH. This allows the processor to start reading the lower byte
of data. This read operation executes in a similar manner to the
first and is completed during the next 160 ns.
Figure 11. AD679 to ADSP-2101 Interface
AD679 to Analog Devices ADSP-2100A
Figure 12 demonstrates the AD679 interfaced to an ADSP-2100A.
With a clock frequency of 12.5 MHz, and instruction execution in
one 80 ns cycle, the digital signal processor will support theAD679
data memory interface with three hardware wait states.
The converter is configured to run asynchronously using a sam-
pling clock. The EOC output of the AD679 gets asserted at the
end of each conversion and causes an interrupt. Upon interrupt,
the ADSP-2100A immediately executes a data memory write in-
struction which asserts HBE. In the following cycle, the proces-
sor starts a data memory read (high byte read) by providing an
address on the DMA bus. The decoded address generates OE
for the converter. OE, together with logic and latch, is used to
force the ADSP-2100A into a one cycle wait state by generating
DMACK. The read operation is thus started and completed
within two processor cycles (160 ns). HBE is released during
“high byte read.” This allows the processor to read the lower
byte of data as soon as “high byte read” is complete. The low
byte read operation executes in a similar manner to the first and
is completed during the next 160 ns.
Figure 12. AD679 to ADSP-2100A Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com